Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1020 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB1020
Description  SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1020 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB1020_16 Datasheet HTML 1Page - Pan Jit International Inc. SB1020_16 Datasheet HTML 2Page - Pan Jit International Inc. SB1020_16 Datasheet HTML 3Page - Pan Jit International Inc. SB1020_16 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
October 3,2016-REV.07
SB1020 SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage, high frequency inverters
free wheeling , and polarlity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volt
10 Ampere
CURRENT
MECHANICAL DATA
• Case: TO-220AC Molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.067 ounces, 1.89 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTE : Both Bonding and Chip structure are available.
PA RA M E T E R
S Y M B O L
SB 10 20
S B10 30
SB 10 40
S B104 5
S B 1 050
SB 10 60
UNI T S
M a xi mum R e cur r e nt P e ak R e ve r s e Vo l t ag e
V
RR M
20
30
4 0
45
50
6 0
V
Ma xi mum R M S Vo l t a g e
V
RM S
1 4
2 1
28
31 . 5
35
42
V
M a xi mum D C B l oc ki ng Vo l t ag e
V
DC
20
30
4 0
45
50
6 0
V
M a xi mum A ve r ag e Fo r w ar d Cur r e nt
I
F( AV )
10
A
P e ak Fo r w ard S urge Cur r ent : 8 . 3 m s si ng le ha l f
s i ne - w ave s up e r i mp os ed on r a t e d l o ad
I
FSM
15 0
A
M a xi mum F o r w a r d Vo l t ag e at 10 A
V
F
0 . 55
0. 75
V
M a xi mum DC Re ve r s e Cur r e nt a t Rat e d
DC B l oc ki ng Vo lt ag e
T
J =2 5
O C
T
J =1 0 0
O C
I
R
0. 2
50
mA
Ty pi ca l Ther ma l Res i st anc e
R
θJC
3
O C / W
O p erat i ng Junc t ion Te m p erat ur e Ra ng e
T J
- 5 5 t o + 1 25
- 5 5 t o + 1 5 0
O C
S t or ag e Te mp er a t ur e Ra ng e
T STG
- 5 5 to +1 5 0
O C


Similar Part No. - SB1020_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1020 PANJIT-SB1020_10 Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB1020_16

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com