Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC3564B Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC3564B
Description  64K (8192-word8-bit) SRAM with OE, CE1, and CE2 Control Pins
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC3564B Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LC3564B Datasheet HTML 1Page - Sanyo Semicon Device LC3564B Datasheet HTML 2Page - Sanyo Semicon Device LC3564B Datasheet HTML 3Page - Sanyo Semicon Device LC3564B Datasheet HTML 4Page - Sanyo Semicon Device LC3564B Datasheet HTML 5Page - Sanyo Semicon Device LC3564B Datasheet HTML 6Page - Sanyo Semicon Device LC3564B Datasheet HTML 7Page - Sanyo Semicon Device LC3564B Datasheet HTML 8Page - Sanyo Semicon Device LC3564B Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
No. 5804-6/9
LC3564B, BS, BM, BT-70/10
AC Electrical Characteristics at Ta = –40 to +85°C, VCC = 2.7 to 3.3 V
LC3564B, BS, BM, BT
Parameter
Symbol
-70
-10
Unit
min
max
min
max
Read cycle time
tRC
200
500
ns
Address access time
tAA
200
500
ns
CE1 access time
tCA1
200
500
ns
CE2 access time
tCA2
200
500
ns
OE access time
tOA
100
250
ns
Output hold time
tOH
20
20
ns
CE1 output enable time
tCOE1
20
20
ns
CE2 output enable time
tCOE2
20
20
ns
OE output enable time
tOOE
10
10
ns
CE1 output disable time
tCOD1
60
120
ns
CE2 output disable time
tCOD2
60
120
ns
OE output disable time
tOOD
50
100
ns
Read Cycle
LC3564B, BS, BM, BT
Parameter
Symbol
-70
-10
Unit
min
max
min
max
Write cycle time
tWC
200
500
ns
Address setup time
tAS
0
0
ns
Write pulse width
tWP
140
200
ns
CE1 setup time
tCW1
150
250
ns
CE2 setup time
tCW2
0
250
ns
Write recovery time
tWR
0
0
ns
CE1 write recovery time
tWR1
0
0
ns
CE2 write recovery time
tWR2
130
0
ns
Data setup time
tDS
0
180
ns
Data hold time
tDH
0
0
ns
CE1 data hold time
tDH1
0
0
ns
CE2 data hold time
tDH2
10
0
ns
WE output enable time
tWOE
10
ns
WE output disable time
tWOD
60
120
ns
Write Cycle
Parameter
Conditions
[AC Test Conditions]
Input pulse voltage
VIH = VCC – 0.2 V, VIL = 0.2 V
Input rise and fall times
10 ns
Input and output timing level
1.5 V
Output load
LC3564B, BS, BM, BT-70 : 30pF (Including the jig capacitance.)
LC3564B, BS, BM, BT-10 : 100pF (Including the jig capacitance.)


Similar Part No. - LC3564B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564CM SANYO-LC3564CM Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CM-55U SANYO-LC3564CM-55U Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CM-70U SANYO-LC3564CM-70U Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CT SANYO-LC3564CT Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CT-55U SANYO-LC3564CT-55U Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results

Similar Description - LC3564B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564CM SANYO-LC3564CM Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com