Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4192-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA4192-Q1
Description  36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4192-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  OPA4192-Q1 Datasheet HTML 1Page - Texas Instruments OPA4192-Q1 Datasheet HTML 2Page - Texas Instruments OPA4192-Q1 Datasheet HTML 3Page - Texas Instruments OPA4192-Q1 Datasheet HTML 4Page - Texas Instruments OPA4192-Q1 Datasheet HTML 5Page - Texas Instruments OPA4192-Q1 Datasheet HTML 6Page - Texas Instruments OPA4192-Q1 Datasheet HTML 7Page - Texas Instruments OPA4192-Q1 Datasheet HTML 8Page - Texas Instruments OPA4192-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3
OPA192-Q1, OPA2192-Q1, OPA4192-Q1
www.ti.com
SBOS850 – MAY 2017
Product Folder Links: OPA192-Q1 OPA2192-Q1 OPA4192-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
OPA192-Q1 DGK Package
8-Pin VSSOP
Top View
NC – No internal connection.
Pin Functions: OPA192-Q1
PIN
I/O
DESCRIPTION
NAME
NO.
+IN
3
I
Noninverting input
–IN
2
I
Inverting input
NC
1, 5, 8
No internal connection (can be left floating)
OUT
6
O
Output
V+
7
Positive (highest) power supply
V–
4
Negative (lowest) power supply


Similar Part No. - OPA4192-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4192 TI-OPA4192 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA4192ID TI1-OPA4192ID Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
OPA4192IDR TI1-OPA4192IDR Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
OPA4192IPW TI1-OPA4192IPW Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
OPA4192IPWR TI1-OPA4192IPWR Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
More results

Similar Description - OPA4192-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
OPA4192 TI-OPA4192_15 Datasheet
2Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp with e-trim?
OPA197-Q1 TI1-OPA197-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
OPA191_0017 TI1-OPA191_0017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_00017 TI1-OPA191_00017 Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_017 TI1-OPA191_017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA191 TI1-OPA191_V01 Datasheet
3Mb / 53P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com