Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA192 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192
Description  36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192 Datasheet(HTML) 1 Page - Texas Instruments

  OPA192 Datasheet HTML 1Page - Texas Instruments OPA192 Datasheet HTML 2Page - Texas Instruments OPA192 Datasheet HTML 3Page - Texas Instruments OPA192 Datasheet HTML 4Page - Texas Instruments OPA192 Datasheet HTML 5Page - Texas Instruments OPA192 Datasheet HTML 6Page - Texas Instruments OPA192 Datasheet HTML 7Page - Texas Instruments OPA192 Datasheet HTML 8Page - Texas Instruments OPA192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
±100
±75
±50
±25
0
25
50
75
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
66 Typical Units Shown
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
OPA192-Q1, OPA2192-Q1, OPA4192-Q1
SBOS850 – MAY 2017
OPAx192-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage,
Low-Input Bias Current Op Amp With e-trim™
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified with the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
Device Human Body Model (HBM)
Electrostatic Discharge (ESD) Classification
Level 3A
Device Charged Device Model (CDM) ESD
Classification Level C3
Low Offset Voltage: ±5 µV
Low Offset Voltage Drift: ±0.2 µV/°C
Low Noise: 5.5 nV/
√Hz at 1 kHz
High Common-Mode Rejection: 140 dB
Low Bias Current: ±5 pA
Rail-to-Rail Input and Output
Wide Bandwidth: 10 MHz GBW
High Slew Rate: 20 V/µs
Low Quiescent Current: 1 mA per Amplifier
Wide Supply: ±2.25 V to ±18 V, 4.5 V to 36 V
EMI/RFI Filtered Inputs
Differential Input Voltage Range to Supply Rail
High Capacitive Load Drive Capability: 1 nF
Industry-Standard Packages:
Single Channel in Very Small VSSOP-8
Dual Channel in VSSOP-8
Quad Channel in SOIC -14
2 Applications
Motor Control for Automotive
Traction Inverter
On Board Charger
Precision Current Sensing
3 Description
The OPAx192-Q1 family (OPA192-Q1, OPA2192-Q1,
and OPA4192-Q1) is a new generation of 36-V, e-
trim operational amplifiers. The OPAx192-Q1 family
of operational amplifiers use e-trim™, a method of
package-level trim for offset and offset temperature
drift
implemented
during
the
final
steps
of
manufacturing after the plastic molding process. This
method minimizes the influence of inherent input
transistor mismatch, as well as errors induced during
package molding.
These devices offer outstanding dc precision and ac
performance, including rail-to-rail input/output, low
offset (±5 µV, typical), low offset drift (±0.2 µV/°C,
typical), and 10-MHz bandwidth.
Unique features such as differential input-voltage
range to the supply rail, high output current (±65 mA),
high capacitive load drive of up to 1 nF, and high
slew rate (20 V/µs) make the OPAx192-Q1 a robust,
high-performance
operational
amplifier
for
high-
voltage industrial applications.
The OPAx192-Q1 family of op amps is available in
standard packages and is specified from –40°C to
+125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA192-Q1
VSSOP (8)
3.00 mm × 3.00 mm
OPA2192-Q1
VSSOP (8)
3.00 mm × 3.00 mm
OPA4192-Q1
SOIC (14)
8.65 mm × 3.90 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
OPAx192-Q1 Maintains Ultra-Low Input Offset
Voltage Over Temperature


Similar Part No. - OPA192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA192 TI1-OPA192 Datasheet
2Mb / 35P
[Old version datasheet]   High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
OPA192 TI-OPA192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA192ID TI1-OPA192ID Datasheet
2Mb / 35P
[Old version datasheet]   High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
OPA192ID TI1-OPA192ID Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
OPA192IDBVR TI1-OPA192IDBVR Datasheet
2Mb / 35P
[Old version datasheet]   High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
More results

Similar Description - OPA192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
OPA4192 TI-OPA4192_15 Datasheet
2Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp with e-trim?
OPA197-Q1 TI1-OPA197-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
OPA191_0017 TI1-OPA191_0017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_00017 TI1-OPA191_00017 Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_017 TI1-OPA191_017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA191 TI1-OPA191_V01 Datasheet
3Mb / 53P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com