Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G3157DRYRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVC1G3157DRYRG4
Description  Single-Pole Double-Throw Analog Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G3157DRYRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74LVC1G3157DRYRG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 9Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 10Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
SN74LVC1G3157
www.ti.com
SCES424L – JANUARY 2003 – REVISED MAY 2017
Product Folder Links: SN74LVC1G3157
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
(1)
TA = 25°C
(2)
Measured by the voltage drop between I/O pins at the indicated current through the switch. ON-state resistance is determined by the
lower of the voltages on the two (A or B) ports.
(3)
Specified by design
(4)
Δron = ron(max) – ron(min) measured at identical VCC, temperature, and voltage levels
(5)
This parameter is characterized, but not production tested.
(6)
Flatness is defined as the difference between the maximum and minimum values of on-state resistance over the specified range of
conditions.
(7)
Ioff is the same as IS(off) (off-state switch leakage current).
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = -40 to 85°C
TA = -40 to 125°C
UNIT
MIN
TYP
(1)
MAX
MIN
TYP
(1)
MAX
ron
ON-state switch resistance
(2)
See Figure 1 and
Figure 2
VI = 0 V
IO = 4 mA
1.65 V
11
20
11
20
VI = 1.65 V
IO = –4 mA
15
50
15
50
VI = 0 V
IO = 8 mA
2.3 V
8
12
8
12
VI = 2.3 V
IO = –8 mA
11
30
11
30
VI = 0 V
IO = 24 mA
3 V
7
9
7
9
VI = 3 V
IO = –24 mA
9
20
9
20
VI = 0 V
IO = 30 mA
4.5 V
6
7
6
7
VI = 2.4 V
IO = –30 mA
7
12
7
12
VI = 4.5 V
IO = –30 mA
7
15
7
15
rrange
ON-state switch resistance over
signal range
(2) (3)
0
≤ VBn ≤ VCC
(see Figure 1 and Figure 2)
IA = –4 mA
1.65 V
140
140
IA = –8 mA
2.3 V
45
45
IA = –24 mA
3 V
18
18
IA = –30 mA
4.5 V
10
10
Δron
Difference of ON-state
resistance between switches
(2) (4) (5)
See Figure 2
VBn = 1.15 V
IA = –4 mA
1.65 V
0.5
0.5
VBn = 1.6 V
IA = –8 mA
2.3 V
0.1
0.3
VBn = 2.1 V
IA = –24 mA
3 V
0.1
0.3
VBn = 3.15 V
IA = –30 mA
4.5 V
0.1
0.2
ron(flat)
ON resistance flatness
(2) (4) (6)
0
≤ VBn ≤ VCC
IA = –4 mA
1.65 V
110
110
IA = –8 mA
2.3 V
26
40
IA = –24 mA
3 V
9
10
IA = –30 mA
4.5 V
4
5
Ioff
(7)
OFF-state switch leakage current
0
≤ VI, VO ≤ VCC
(see Figure 3 )
1.65 V
to
5.5 V
±1
±1
µA
±0.05
±0.1
(1)
±0.05
±0.1
IS(on)
ON-state switch leakage current
VI = VCC or GND, VO = Open
(see Figure 4)
5.5 V
±1
±1
µA
±0.1
(1)
±0.1
(1)
IIN
Control input current
0
≤ VIN ≤ VCC
0 V to
5.5 V
±1
±1
µA
±0.05
±0.1
(1)
±0.05
±0.1
ICC
Supply current
S = VCC or GND
5.5 V
1
10
35
µA
ΔICC
Supply-current change
S = VCC – 0.6 V
5.5 V
500
500
µA
Ci
Control input capacitance
S
5 V
2.7
2.7
pF
Cio(off)
Switch input/output
capacitance
Bn
5 V
5.2
5.2
pF
Cio(on)
Switch input/output
capacitance
Bn
5 V
17.3
17.3
pF
A
17.3
17.3


Similar Part No. - 74LVC1G3157DRYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G3157DRYRG4 TI-74LVC1G3157DRYRG4 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
74LVC1G3157DRYRG4 TI-74LVC1G3157DRYRG4 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
74LVC1G3157DRYRG4 TI1-74LVC1G3157DRYRG4 Datasheet
1Mb / 35P
[Old version datasheet]   SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
74LVC1G3157DRYRG4 TI1-74LVC1G3157DRYRG4 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results

Similar Description - 74LVC1G3157DRYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157 UTC-U74LVC1G3157_17 Datasheet
153Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_14 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com