Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4802B Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4802B
Description  Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4802B Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4802B Datasheet HTML 1Page - National Semiconductor (TI) LM4802B Datasheet HTML 2Page - National Semiconductor (TI) LM4802B Datasheet HTML 3Page - National Semiconductor (TI) LM4802B Datasheet HTML 4Page - National Semiconductor (TI) LM4802B Datasheet HTML 5Page - National Semiconductor (TI) LM4802B Datasheet HTML 6Page - National Semiconductor (TI) LM4802B Datasheet HTML 7Page - National Semiconductor (TI) LM4802B Datasheet HTML 8Page - National Semiconductor (TI) LM4802B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical Characteristics V
DD = 3.0V (Notes 1, 2) (Continued)
The following specifications apply for V
DD = 3.0V, AV-BTL = 26dB, ZL = 2µF+30
Ω,C
B = 1.0µF, R1 = 56k
Ω,R
2 = 13k
Ω unless
otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4802B
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7, 8)
THD+N
Total Harmomic Distortion + Noise
V
OUT = 10Vp-p,fIN = 1kHz
0.05
1
% (max)
e
OS
Output Noise
A-Weighted Filter, V
IN = 0V
105
µV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p, f = 100Hz
66
dB (min)
V
FB
Feedback Pin Reference Voltage
(Note 11)
1.23
1.205
1.255
V (max)
V (min)
Note 1: All voltages are measured with respect to the GND pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/ θJA or the given in Absolute Maximum Ratings, whichever is lower.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF–240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: Shutdown current is measured at an ambient temperature of 25˚C. The Shutdown pin should be driven as close as possible to Vin for minimum shutdown
current.
Note 10: Shutdown current is measured with components R1 and R2 removed.
Note 11: Feedback pin reference voltage is measured with the Audio Amplifier’s V1 (pin 26) floating and no addition load connected to the cathode of D1 (see Figure
1).
www.national.com
4


Similar Part No. - LM4802B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4802B TI1-LM4802B Datasheet
1Mb / 24P
[Old version datasheet]   Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
LM4802BLQ/NOPB TI1-LM4802BLQ/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
LM4802BLQBD TI1-LM4802BLQBD Datasheet
1Mb / 24P
[Old version datasheet]   Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
LM4802BLQX/NOPB TI1-LM4802BLQX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
LM4802B TI1-LM4802B_14 Datasheet
1Mb / 24P
[Old version datasheet]   Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
More results

Similar Description - LM4802B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4802B TI1-LM4802B_14 Datasheet
1Mb / 24P
[Old version datasheet]   Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
logo
Diodes Incorporated
PAM8945 DIODES-PAM8945_16 Datasheet
568Kb / 9P
   4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
logo
Texas Instruments
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
logo
Fairchild Semiconductor
KSD1047 FAIRCHILD-KSD1047 Datasheet
52Kb / 5P
   Audio Power Amplifier DC to DC Converter
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
   30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Jiaxing Heroic Technolo...
HT8692 HEROIC-HT8692 Datasheet
191Kb / 3P
   6.5W Class D Audio Power Amplifier with BOOST Boost and Anti-Broken
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com