Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6C8016A-55ZIN Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS6C8016A-55ZIN
Description  Process Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C8016A-55ZIN Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS6C8016A-55ZIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C8016A-55ZIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C8016A-55ZIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C8016A-55ZIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C8016A-55ZIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C8016A-55ZIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C8016A-55ZIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C8016A-55ZIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C8016A-55ZIN Datasheet HTML 12Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1
1
#A1
A
A
B
C
D
E
F
G
H
65432
1
B
B1
0.5
B/2
B
48 Ball Fine Pitch BGA (0.75mm ball pitch)
Bottom View
Top View
C
D
Y
Min
Typ
Max
A
-
0.75
-
B
7.95
8.00
8.05
B1
-
3.75
-
C
9.95
10.00
10.05
C1
-
5.25
-
D
0.30
0.35
0.40
E-
-
1.00
E1
-
-
0.70
E2
0.20
0.25
0.30
Y-
-
0.08
NOTES.
1. Bump counts : 48(8row x 6column)
2. Bump pitch : (x,y)=(0.75x0.75) (typ.)
3. All tolerence are +/-0.050 unless
otherwise specified.
4. Typ : Typical
5. Y is coplanarity : 0.08(Max)
Side View
Detail A
A1 index Mark
Unit: millimeters
AUGUST 2010
512K X 16 BIT LOW POWER CMOS SRAM
AS6C8016A


Similar Part No. - AS6C8016A-55ZIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C8016 ALSC-AS6C8016 Datasheet
738Kb / 12P
   Fully static operation
AS6C8016-55BIN ALSC-AS6C8016-55BIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
AS6C8016-55TIN ALSC-AS6C8016-55TIN Datasheet
1Mb / 11P
   All inputs and outputs TTL compatible
AS6C8016-55ZIN ALSC-AS6C8016-55ZIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
More results

Similar Description - AS6C8016A-55ZIN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com