Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4960SQ Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4960SQ
Description  Piezoelectric Speaker Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4960SQ Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4960SQ Datasheet HTML 4Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 5Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 6Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 7Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 8Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 9Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 10Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 11Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Information (Continued)
SETTING THE OUTPUT VOLTAGE (V
1) OF BOOST
CONVERTER
The output voltage is set using the external resistors R1 and
R2 (see Figure 1). A value of approximately 13.3k
Ω is rec-
ommended for R2 to establish a divider current of approxi-
mately 92µA. R1 is calculated using the formula:
R1=R2X(V
2/1.23 − 1)
(5)
FEED-FORWARD COMPENSATION FOR BOOST
CONVERTER
Although the LM4960’s internal Boost converter is internally
compensated, the external feed-forward capacitor C
f is re-
quired for stability (see Figure 1). Adding this capacitor puts
a zero in the loop response of the converter. The recom-
mended frequency for the zero fz should be approximately
6kHz. C
f1 can be calculated using the formula:
C
f1=1/(2XR1Xfz)
(6)
SELECTING DIODES
The external diode used in Figure 1 should be a Schottky
diode. A 20V diode such as the MBR0520 is recommended.
The MBR05XX series of diodes are designed to handle a
maximum average current of 0.5A. For applications exceed-
ing 0.5A average but less than 1A, a Microsemi UPS5817
can be used.
DUTY CYCLE
The maximum duty cycle of the boost converter determines
the maximum boost ratio of output-to-input voltage that the
converter can attain in continuous mode of operation. The
duty cycle for a given boost application is defined as:
Duty Cycle = V
OUT +VDIODE -VIN / VOUT +VDIODE -VSW
This applies for continuous mode operation.
INDUCTANCE VALUE
The first question we are usually asked is: “How small can I
make the inductor.” (because they are the largest sized
component and usually the most costly). The answer is not
simple and involves trade-offs in performance. Larger induc-
tors mean less inductor ripple current, which typically means
less output voltage ripple (for a given size of output capaci-
tor). Larger inductors also mean more load power can be
delivered because the energy stored during each switching
cycle is:
E = L/2 X (lp)2
Where “lp” is the peak inductor current. An important point to
observe is that the LM4960 will limit its switch current based
on peak current. This means that since lp(max) is fixed,
increasing L will increase the maximum amount of power
available to the load. Conversely, using too little inductance
may limit the amount of load current which can be drawn
from the output.
Best performance is usually obtained when the converter is
operated in “continuous” mode at the load current range of
interest, typically giving better load regulation and less out-
put ripple. Continuous operation is defined as not allowing
the inductor current to drop to zero during the cycle. It should
be noted that all boost converters shift over to discontinuous
operation as the output load is reduced far enough, but a
larger inductor stays “continuous” over a wider load current
range.
To better understand these trade-offs, a typical application
circuit (5V to 12V boost with a 10µH inductor) will be ana-
lyzed. We will assume:
V
IN =5V, VOUT = 12V, VDIODE = 0.5V, VSW = 0.5V
Since the frequency is 1.6MHz (nominal), the period is ap-
proximately 0.625µs. The duty cycle will be 62.5%, which
means the ON-time of the switch is 0.390µs. It should be
noted that when the switch is ON, the voltage across the
inductor is approximately 4.5V. Using the equation:
V = L (di/dt)
We can then calculate the di/dt rate of the inductor which is
found to be 0.45 A/µs during the ON-time. Using these facts,
we can then show what the inductor current will look like
during operation:
During the 0.390µs ON-time, the inductor current ramps up
0.176A and ramps down an equal amount during the OFF-
time. This is defined as the inductor “ripple current”. It can
also be seen that if the load current drops to about 33mA,
the inductor current will begin touching the zero axis which
means it will be in discontinuous mode. A similar analysis
can be performed on any boost converter, to make sure the
ripple current is reasonable and continuous operation will be
maintained at the typical load current values.
MAXIMUM SWITCH CURRENT
The maximum FET switch current available before the cur-
rent limiter cuts in is dependent on duty cycle of the appli-
cation. This is illustrated in a graph in the typical perfor-
mance characterization section which shows typical values
of switch current as a function of effective (actual) duty cycle.
20076583
FIGURE 2. 10µH Inductor Current
5V - 12V Boost (LM4960)
www.national.com
10


Similar Part No. - LM4960SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4960SQ/NOPB TI1-LM4960SQ/NOPB Datasheet
783Kb / 20P
[Old version datasheet]   Piezoelectric Speaker Driver
More results

Similar Description - LM4960SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4960 TI1-LM4960 Datasheet
783Kb / 20P
[Old version datasheet]   Piezoelectric Speaker Driver
logo
Rohm
BU64562GWZ ROHM-BU64562GWZ Datasheet
721Kb / 24P
   Piezoelectric Actuator Driver
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
   Piezoelectric Horn Driver Circuit
2009
RE46C100 MICROCHIP-RE46C100_14 Datasheet
631Kb / 18P
   Piezoelectric Horn Driver Circuit
03/25/14
logo
Sanyo Semicon Device
LV8071LP SANYO-LV8071LP Datasheet
71Kb / 6P
   Piezoelectric Actuator Driver IC
logo
Texas Instruments
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com