Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8C801800 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS8C801800
Description  Power down controlled by ZZ input
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C801800 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS8C801800 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS8C801800 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS8C801800 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS8C801800 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS8C801800 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS8C801800 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS8C801800 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C801800 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C801800 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
6.42
4
AS8C803600, AS8C801800, 256K x 36, 512K x 18, 3.3V Synchronous SRAMS with
3.3V I/O, Pipelined Outputs, Single Cycle Deselect
Commercial Temperature Range
100 Pin TQFP Ca pacitance
(TA = +25°C, f = 1.0MHz)
Recommended Operating
Temperature and Supply Voltage
Absolute Maximum Ratings(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VDD terminals only.
3. VDDQ terminals only.
4. Input terminals only.
5. I/O terminals only.
6. This is a steady-state DC parameter that applies after the power supplies have
ramped up. Power supply sequencing is not necessary; however, the voltage
on any input or I/O pin cannot exceed VDDQ during power supply ramp up.
7. TA is the "instant on" case temperature.
Recommended DC Operating
Conditions
NOTE:
1. VIL (min) = -1.0V for pulse width less than tCYC/2, once per cycle.
NOTE:
1. This parameter is guaranteed by device characterization, but not production tested.
Symbol
Rating
Commercial
Unit
VTERM(2)
Terminal Voltage with
Respect to GND
-0.5 to +4.6
V
VTERM(3,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD
V
VTERM(4,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD +0.5
V
VTERM(5,6)
Terminal Voltage with
Respect to GND
-0.5 to VDDQ +0.5
V
TA(7)
Operating Temperature
-0 to +70
oC
TBIAS
Temperature
Under Bias
-55 to +125
oC
TSTG
Storage
Temperature
-55 to +125
oC
PT
Power Dissipation
2.0
W
IOUT
DC Output Current
50
mA
5310 tbl 03
Grade
Temperature(1)
VSS
VDD
VDDQ
Commercial
0°C to +70°C
0V
3.3V±5%
3.3V±5%
Industrial
-40°C to +85°C
0V
3.3V±5%
3.3V±5%
5310 tbl 04
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDQ
I/O Supply Voltage
3.135
3.3
3.465
V
VSS
Supply Voltage
0
0
0
V
VIH
Input High Voltage - Inputs
2.0
____
VDD +0.3
V
VIH
Input High Voltage - I/O
2.0
____
VDDQ +0.3
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
5310 tbl 05
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
5
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5310 tbl 07
119 BGA Capacitance
(TA = +25°C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5310 tbl 07a
NOTE:
1. TA is the "instant on" case temperature.
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5310 tbl 07b
165 fBGA Capacitance
(TA = +25°C, f = 1.0MHz)


Similar Part No. - AS8C801800

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS8C801801 ALSC-AS8C801801 Datasheet
2Mb / 21P
   Three chip enables for simple depth expansion
More results

Similar Description - AS8C801800

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS8C403625 ALSC-AS8C403625 Datasheet
806Kb / 19P
   Power down controlled by ZZ input
AS8C163631 ALSC-AS8C163631 Datasheet
8Mb / 22P
   power down controlled by zz input
AS8C403600 ALSC-AS8C403600 Datasheet
2Mb / 17P
   Power down controlled by ZZ input
AS8C803625 ALSC-AS8C803625 Datasheet
5Mb / 22P
   Power down controlled by ZZ input
logo
TriQuint Semiconductor
TQM7M5013 TRIQUINT-TQM7M5013_15 Datasheet
241Kb / 1P
   Quad-Band Input Power Controlled EDGE PAM
logo
Qorvo, Inc
TQM7M5013 QORVO-TQM7M5013 Datasheet
118Kb / 1P
   Quad-Band Input Power Controlled EDGE PAM
logo
Rohm
BD5242G-TR ROHM-BD5242G-TR Datasheet
400Kb / 16P
   Delay time controlled by extemal capacitor
BD6326NUX ROHM-BD6326NUX Datasheet
1Mb / 25P
   Speed controllable by PWM input signal
logo
Linear Technology
LTC1649 LINER-LTC1649_15 Datasheet
224Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649 Datasheet
201Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com