Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1308LLHLX-2-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1308LLHLX-2-T
Description  Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low-Profile Surface-Mount Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1308LLHLX-2-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1308LLHLX-2-T Datasheet HTML 1Page - Allegro MicroSystems A1308LLHLX-2-T Datasheet HTML 2Page - Allegro MicroSystems A1308LLHLX-2-T Datasheet HTML 3Page - Allegro MicroSystems A1308LLHLX-2-T Datasheet HTML 4Page - Allegro MicroSystems A1308LLHLX-2-T Datasheet HTML 5Page - Allegro MicroSystems A1308LLHLX-2-T Datasheet HTML 6Page - Allegro MicroSystems A1308LLHLX-2-T Datasheet HTML 7Page - Allegro MicroSystems A1308LLHLX-2-T Datasheet HTML 8Page - Allegro MicroSystems A1308LLHLX-2-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Linear Hall-Effect Sensor ICs with Analog Output
Available in a Miniature, Low-Profile Surface-Mount Package
A1308 and
A1309
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
PINOUT DIAGRAMS AND TERMINAL LIST TABLE
2
1
3
2
3
1
THERMAL CHARACTERISTICS: May require derating at maximum conditions; see application information
Characteristic
Symbol
Test Conditions
Value
Units
Package Thermal Resistance
RθJA
Package LH, 1-layer PCB with copper limited to solder pads
228
°C/W
Package LH, 2-layer PCB with 0.463 in.2 of copper area each side
connected by thermal vias
110
°C/W
Package UA, 1-layer PCB with copper limited to solder pads
165
°C/W
Terminal List Table
Name
Number
Description
LH
UA
VCC
1
1
Input power supply; tie to GND
with bypass capacitor
VOUT
2
3
Output signal
GND
3
2
Ground
LH Package
Pinout
UA Package
Pinout


Similar Part No. - A1308LLHLX-2-T

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A1308AG1 DBLECTRO-A1308AG1 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
A1308AG2 DBLECTRO-A1308AG2 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
A1308AS1 DBLECTRO-A1308AS1 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
A1308AS2 DBLECTRO-A1308AS2 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
A1308AT1 DBLECTRO-A1308AT1 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
More results

Similar Description - A1308LLHLX-2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1318 ALLEGRO-A1318 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low Profile Surface Mount Package
A1304 ALLEGRO-A1304 Datasheet
948Kb / 10P
   Linear Hall-Effect Sensor IC with Analog Output, Available in a Miniature, Low Profile Surface Mount Package
ALS31000 ALLEGRO-ALS31000 Datasheet
748Kb / 10P
   Unidirectional Linear Hall-Effect Sensor IC with Analog Output, in Miniature Low-Profile Surface-Mount Package
A1381 ALLEGRO-A1381 Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324_16 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com