Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3422EKA-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3422EKA-T
Description  Hall Effect Direction Detection Sensor IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3422EKA-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3422EKA-T Datasheet HTML 3Page - Allegro MicroSystems A3422EKA-T Datasheet HTML 4Page - Allegro MicroSystems A3422EKA-T Datasheet HTML 5Page - Allegro MicroSystems A3422EKA-T Datasheet HTML 6Page - Allegro MicroSystems A3422EKA-T Datasheet HTML 7Page - Allegro MicroSystems A3422EKA-T Datasheet HTML 8Page - Allegro MicroSystems A3422EKA-T Datasheet HTML 9Page - Allegro MicroSystems A3422EKA-T Datasheet HTML 10Page - Allegro MicroSystems A3422EKA-T Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
3422
HALL-EFFECT,
DIRECTION-DETECTION
SENSOR IC
, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6
Functional Description
Outputs. The device provides three saturated outputs:
DIRECTION, E1 OUTPUT, and SPEED. DIRECTION
provides the direction output of the device and is defined
as OFF (high) for the direction E1 to E2 and ON (low) for
the direction E2 to E1. SPEED provides an XOR’d output
of the two elements. Because of internal delays, DIREC-
TION will always be updated before SPEED and is
updated at every transition of E1 OUTPUT and E2 OUT-
PUT (internal) allowing the use of up-down counters
without the loss of pulses.
Power-On State. At power on, the logic circutry is reset
to provide an OFF (high) at DIRECTION and an OFF
(high) for E1 and E2 (internal) for magnetic fields less
than BOP. This eliminates ambiguity when the device is
powered up and either element detects a field between BOP
and BRP. If either element is subjected to a field greater than
BOP, the internal logic will set accordingly.
The integrated circuit contains an internal voltage regula-
tor that powers the Hall elements and both the analog and
digital circuitry. This regulator allows operation over a
wide supply voltage range and provides some immunity to
supply noise. The device also contains CMOS logic
circuitry that decodes the direction of rotation of the ring
magnet.
Quadrature/Direction Detection. Internal logic
circuitry provides outputs representing speed and direction
of the magnetic field across the face of the package. For
the direction signal to be appropriately updated, a quadra-
ture relationship must be maintained between the ring
magnet pole width*, the element-to-element spacing, and,
to a lesser extent, the magnetic switch points. For optimal
design, the device should be actuated with a ring magnet
pole width* two times the sensor-to-sensor spacing. This
will produce a sinusoidal magnetic field whose period
(denoted as Τ) is then four times the element-to-element
spacing. A quadrature relationship can also be maintained
for a ring magnet that has a period that satisfies the rela-
tionship nΤ/4 = 1.5 mm, where n is any odd integer.
Therefore, ring magnets with pole-pair spacings equal to 6
mm (n = 1), 2 mm (n = 3), 1.2 mm (n = 5), etc. are permit-
ted.
The response of the device to the magnetic field
produced by a rotating ring magnet is shown on page 2.
Note the phase shift between the two elements.
*“Pole” refers to a single pole (North or South) unless
stated as “pole pair” (North and South).


Similar Part No. - A3422EKA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3422EKA-T ALLEGRO-A3422EKA-T Datasheet
575Kb / 10P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
More results

Similar Description - A3422EKA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1233 ALLEGRO-A1233 Datasheet
738Kb / 12P
   Dual-Channel Hall-Effect Direction Detection Sensor IC
A3423 ALLEGRO-A3423 Datasheet
499Kb / 10P
   Dual Channel Hall Effect Direction Detection Sensor IC
A3423ELTR-T ALLEGRO-A3423ELTR-T Datasheet
536Kb / 10P
   Dual Channel Hall Effect Direction Detection Sensor IC
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
   Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
3421 ALLEGRO-3421 Datasheet
160Kb / 12P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
September 6, 2000
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Micronas
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
   Hall-Effect Sensors with Direction Detection
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
   Hall-Effect Sensors with Direction Detection
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
TLE4966L INFINEON-TLE4966L_09 Datasheet
854Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
V 2.0, Feb 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com