Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3423EK-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3423EK-T
Description  Dual Channel Hall Effect Direction Detection Sensor IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3423EK-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3423EK-T Datasheet HTML 2Page - Allegro MicroSystems A3423EK-T Datasheet HTML 3Page - Allegro MicroSystems A3423EK-T Datasheet HTML 4Page - Allegro MicroSystems A3423EK-T Datasheet HTML 5Page - Allegro MicroSystems A3423EK-T Datasheet HTML 6Page - Allegro MicroSystems A3423EK-T Datasheet HTML 7Page - Allegro MicroSystems A3423EK-T Datasheet HTML 8Page - Allegro MicroSystems A3423EK-T Datasheet HTML 9Page - Allegro MicroSystems A3423EK-T Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Dual Channel Hall Effect Direction Detection Sensor IC
A3423
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Application Information
Operation with Fine-Pitch Ring Magnets
. For targets with a cir-
cular pitch of less than 4 mm, a performance improvement can be
observed by rotating the front face of the device (see below). This
rotation decreases the effective Hall element-to-element spacing,
provided that the Hall elements are not rotated beyond the width
of the target.
Applications
. It is strongly recommended that an external
0.01 μF bypass capacitor be connected (in close proximity to the
device) between the supply and ground of the device to
reduce both external noise and noise generated by the internal
logic.
The simplest form of magnet that will operate these devices is a
ring magnet. Other methods of operation, such as linear magnets,
are possible. Extensive applications information on magnets and
Hall-effect sensor ICs is also available in the “Hall-Effect IC
Applications Guide” which can be found in the latest issue of
Application Note 27701, at www.allegromicro.com/techpub2/an/
an27701.pdf.
E1
E2
E1
D
E2
D cos
Target Face Width, F
F < D sin
Target Circular Pitch, P
Normal Coplanar Alignment
Rotated Alignment
Target Profile of Rotation
NS
S


Similar Part No. - A3423EK-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3423ELTR-T ALLEGRO-A3423ELTR-T Datasheet
536Kb / 10P
   Dual Channel Hall Effect Direction Detection Sensor IC
More results

Similar Description - A3423EK-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1233 ALLEGRO-A1233 Datasheet
738Kb / 12P
   Dual-Channel Hall-Effect Direction Detection Sensor IC
A3423ELTR-T ALLEGRO-A3423ELTR-T Datasheet
536Kb / 10P
   Dual Channel Hall Effect Direction Detection Sensor IC
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
   Hall Effect Direction Detection Sensor IC
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
   Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
3421 ALLEGRO-3421 Datasheet
160Kb / 12P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
September 6, 2000
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Melexis Microelectronic...
MLX92251LSE-AXA MELEXIS-MLX92251LSE-AXA Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction Detection
logo
Micronas
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
   Hall-Effect Sensors with Direction Detection
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
   Hall-Effect Sensors with Direction Detection
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com