Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3423LLTR-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A3423LLTR-T
Description  Dual Channel Hall Effect Direction Detection Sensor IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3423LLTR-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A3423LLTR-T Datasheet HTML 2Page - Allegro MicroSystems A3423LLTR-T Datasheet HTML 3Page - Allegro MicroSystems A3423LLTR-T Datasheet HTML 4Page - Allegro MicroSystems A3423LLTR-T Datasheet HTML 5Page - Allegro MicroSystems A3423LLTR-T Datasheet HTML 6Page - Allegro MicroSystems A3423LLTR-T Datasheet HTML 7Page - Allegro MicroSystems A3423LLTR-T Datasheet HTML 8Page - Allegro MicroSystems A3423LLTR-T Datasheet HTML 9Page - Allegro MicroSystems A3423LLTR-T Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Dual Channel Hall Effect Direction Detection Sensor IC
A3423
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Performance Characteristics
Supply Current versus Ambient Temperature
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
150
TA (°C)
3 outputs on, Vcc=8V
3 outputs off, Vcc=8V
3 outputs on, Vcc=12V
3 outputs off, Vcc=12V
Supply Current at TA = 25°C
5
6
7
8
9
10
11
12
13
2
4
6
8
10
12
14
16
18
20
22
24
VCC (V)
3 outputs on
3 outputs off
Saturation Voltage versus Ambient Temperature
0
50
100
150
200
250
300
350
400
-50
0
50
100
150
TA (°C)
Iout = 20mA
Iout = 15mA
Magnetic Operate Point
versus Ambient Temperature
-35
-25
-15
-5
5
15
25
35
45
55
-50
0
50
100
150
TA (°C)
Vcc = 3.8V
Vcc = 8V
Vcc = 12V
Vcc = 18V
Vcc = 24V
Magnetic Release Point versus Ambient Temperature
-55
-45
-35
-25
-15
-5
5
15
25
35
-50
0
50
100
150
TA (°C)
Vcc = 3.8V
Vcc = 8V
Vcc = 12V
Vcc = 18V
Vcc = 24V
Hysteresis versus Ambient Temperature
10
15
20
25
30
35
40
45
50
55
60
-50
0
50
100
150
TA (°C)
Vcc = 3.8V
Vcc = 8V
Vcc = 12V
Vcc = 18V
Vcc = 24V


Similar Part No. - A3423LLTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3423ELTR-T ALLEGRO-A3423ELTR-T Datasheet
536Kb / 10P
   Dual Channel Hall Effect Direction Detection Sensor IC
More results

Similar Description - A3423LLTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1233 ALLEGRO-A1233 Datasheet
738Kb / 12P
   Dual-Channel Hall-Effect Direction Detection Sensor IC
A3423ELTR-T ALLEGRO-A3423ELTR-T Datasheet
536Kb / 10P
   Dual Channel Hall Effect Direction Detection Sensor IC
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
   Hall Effect Direction Detection Sensor IC
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
   Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
3421 ALLEGRO-3421 Datasheet
160Kb / 12P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
September 6, 2000
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Melexis Microelectronic...
MLX92251LSE-AXA MELEXIS-MLX92251LSE-AXA Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction Detection
logo
Micronas
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
   Hall-Effect Sensors with Direction Detection
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
   Hall-Effect Sensors with Direction Detection
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com