Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3973SB-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A3973SB-T
Description  Dual DMOS Full-Bridge Microstepping PWM Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3973SB-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A3973SB-T Datasheet HTML 2Page - Allegro MicroSystems A3973SB-T Datasheet HTML 3Page - Allegro MicroSystems A3973SB-T Datasheet HTML 4Page - Allegro MicroSystems A3973SB-T Datasheet HTML 5Page - Allegro MicroSystems A3973SB-T Datasheet HTML 6Page - Allegro MicroSystems A3973SB-T Datasheet HTML 7Page - Allegro MicroSystems A3973SB-T Datasheet HTML 8Page - Allegro MicroSystems A3973SB-T Datasheet HTML 9Page - Allegro MicroSystems A3973SB-T Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Dual DMOS Full-Bridge
Microstepping PWM Motor Driver
A3973
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Serial Interface.
The A3973SB/SLB is controlled via a
3-wire (clock, data, strobe) serial port. The programmable func-
tions allow maximum flexibility in configuring the PWM to the
motor drive requirements. The serial data is written as two
19-bit words: 1 bit to select the word and 18 bits of data. The
serial data is clocked in starting with D18.
Word 0 Bit Assignments
Bit
Function
D0
Word select = 0
D1
Bridge 1, DAC, LSB
D2
Bridge 1, DAC, bit 2
D3
Bridge 1, DAC, bit 3
D4
Bridge 1, DAC, bit 4
D5
Bridge 1, DAC, bit 5
D6
Bridge 1, DAC, MSB
D7
Bridge 2, DAC, LSB
D8
Bridge 2, DAC, bit 2
D9
Bridge 2, DAC, bit 3
D10
Bridge 2, DAC, bit 4
D11
Bridge 2, DAC, bit 5
D12
Bridge 2, DAC, MSB
D13
Bridge 1 phase
D14
Bridge 2 phase
D15
Bridge 1 mode
D16
Bridge 2 mode
D17
REF select
D18
Range select
D1 – D6 Bridge 1 Linear DAC.
Six-bit word sets desired
current level for Bridge 1. Setting all six bits to zero disables
Bridge 1, with all drivers off (See current regulation section of
functional description).
D7 – D12 Bridge 2 Linear DAC.
Six-bit word sets desired
current level for Bridge 2. Setting all six bits to zero disables
Bridge 2, with all drivers off (See current regulation section of
functional description).
FUNCTIONAL DESCRIPTION
continued next page ...
D13 Bridge 1 Phase.
This bit controls the direction of output
current for Load 1.
D13
OUT1A
OUT1B
0
L
H
1
H
L
D14 Bridge 2 Phase.
This bit controls the direction of output
current for Load 2.
D14
OUT2A
OUT2B
0
L
H
1
H
L
D15 Bridge 1 Mode.
D15
Mode
0
Mixed-decay
1
Slow-decay
D16 Bridge 2 Mode.
D16
Mode
0
Mixed-decay
1
Slow-decay
D17 REF Select.
This bit determines the reference input for
the 6-bit linear DACs.
D17
Reference Voltage
0
Internal 2 V
1
External (3 V max)
D18 Gm Range Select. This bit determines the scaling factor
(4 or 8) used.
D18
Divider
Load Current
0
1/8
ITRIP = VDAC/8RS
1
1/4
ITRIP = VDAC/4RS


Similar Part No. - A3973SB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3973SB ALLEGRO-A3973SB Datasheet
201Kb / 12P
   DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
December 1, 2000
More results

Similar Description - A3973SB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3992 ALLEGRO-A3992_13 Datasheet
549Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3972 ALLEGRO-A3972 Datasheet
312Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3973SLB-T ALLEGRO-A3973SLB-T Datasheet
364Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3992 ALLEGRO-A3992 Datasheet
477Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
3972 ALLEGRO-3972 Datasheet
190Kb / 12P
   DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
3973 ALLEGRO-3973 Datasheet
201Kb / 12P
   DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
December 1, 2000
A3972SB-T ALLEGRO-A3972SB-T Datasheet
282Kb / 11P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
logo
Shindengen Electric Mfg...
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018G SHINDENGEN-MTD2018G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018F SHINDENGEN-MTD2018F Datasheet
91Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com