Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4408KLVTR-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A4408KLVTR-T
Description  PWM frequency can be synchronized to external clock
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4408KLVTR-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A4408KLVTR-T Datasheet HTML 3Page - Allegro MicroSystems A4408KLVTR-T Datasheet HTML 4Page - Allegro MicroSystems A4408KLVTR-T Datasheet HTML 5Page - Allegro MicroSystems A4408KLVTR-T Datasheet HTML 6Page - Allegro MicroSystems A4408KLVTR-T Datasheet HTML 7Page - Allegro MicroSystems A4408KLVTR-T Datasheet HTML 8Page - Allegro MicroSystems A4408KLVTR-T Datasheet HTML 9Page - Allegro MicroSystems A4408KLVTR-T Datasheet HTML 10Page - Allegro MicroSystems A4408KLVTR-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Adjustable Frequency Buck or Buck-Boost Pre-Regulator with a
Synchronous Buck, 3 Internal LDOs, Watchdog Timer, NPOR, and FF0/FF1
A4408
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
GENERAL SPECIFICATIONS
Operating Input Voltage
VVIN
After VVIN > VVIN(START), and VENB > 2 V or
VENBATx > 3.5 V, Buck-Boost Mode
2.8
13.5
36
V
After VVIN > VVIN(START), and VENB > 2 V or
VENBATx > 3.5 V, Buck Mode
5.7
13.5
36
V
VIN UVLO START Voltage
VVIN(START)
VVIN rising
5.1
5.4
5.7
V
VIN UVLO STOP Voltage
VVIN(STOP)
VVIN falling
2.53
2.64
2.78
V
VIN UVLO Hysteresis
VVIN(HYS)
VVIN(START) ‒ VVIN(STOP)
2.7
V
Supply Quiescent Current [1]
IQ
VVIN = 13.5 V, VENBATx ≥ 3.6 V or
VENB ≥ 2 V, VVREG = 5.6 V (no PWM)
13
mA
IQ(SLEEP)
VVIN = 13.5 V, VENBATx ≤ 2.2 V and
VENB ≤ 0.8 V
10
µA
PWM SWITCHING FREQUENCY AND DITHERING
Oscillator Frequency
fOSC
RFSET = 8.66 kΩ
1.8
2.0
2.2
MHz
RFSET = 19.1 kΩ [3]
1.0
MHz
RFSET = 52.3 kΩ [3]
343
400
457
kHz
PWM Switching Frequency
Foldback Thresholds
fSW
VVREG > 2.7 V, VVIN rising, fOSC → fOSC/2
18.7
19.5
20.3
V
VREG > 2.7 V, VVIN falling, fOSC/2 → fOSC
18.5
V
VREG > 2.7 V, VVIN rising, fOSC/2 → fOSC
7.5
V
VREG > 2.7 V, VVIN falling, fOSC → fOSC/2
6.7
7.0
7.4
V
Frequency Dithering
ΔfOSC
As a percent of fOSC
±12
%
Dither/Slew Start Threshold
VIN(DS,ON)
8.5
9.0
9.5
V
Dither/Slew Stop Threshold
VIN(DS,OFF)
7.8
8.3
8.8
V
VIN Dithering/Slew Hysteresis
VIN(DS,HYS)
700
mV
CHARGE PUMP (VCP)
Output Voltage
VVCP
VVCP – VVIN, VVIN = 13.5 V, VVREG = 5.5 V,
IVCP = 6.5 mA, VCOMP1 = VCOMP2 = 0 V,
VENB = 3.3 V
4.1
6.6
V
VVCP – VVIN, VVIN = 6.5 V, VVREG = 5.5 V,
IVCP = 6.5 mA, VCOMP1 = VCOMP2 = 0 V,
VENB = 3.3 V
3.6
4.4
V
Switching Frequency
fSW(CP)
65
kHz
VCC PIN VOLTAGE
Output Voltage
VVCC
VVREG = 5.35 V
4.65
V
THERMAL PROTECTION
Thermal Shutdown Threshold [3]
TTSD
TJ rising
155
170
185
°C
Thermal Shutdown Hysteresis [3]
THYS
20
°C
1
For input and output current specifications, negative current is defined as coming out of the node or pin (sourcing), positive current is defined as going into the node or pin
(sinking).
2
The lowest operating voltage is only valid if the conditions VVIN > VVIN(START) and VVCP – VVIN > VCP(UV,H) and VVREG > VVREG(UV,H) are satisfied before VVIN is reduced.
3
Ensured by design and characterization, not production tested.
ELECTRICAL CHARACTERISTICS – BUCK AND BUCK-BOOST PRE-REGULATOR[1]:
Valid at 3.6 V[2] < VVIN < 36 V, –40°C < TA = TJ < 150°C, unless otherwise specified.
Continued on next page...


Similar Part No. - A4408KLVTR-T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A440 LITTELFUSE-A440 Datasheet
204Kb / 2P
   GAS DISCHARGE TUBE - 8x10mm
logo
Allegro MicroSystems
A4401 ALLEGRO-A4401 Datasheet
417Kb / 17P
   This device provides all the necessary control functions to provide the power rails for driving a vacuum fluorescent display (VFD) using minimal external components.
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
   Automotive Quasi-Resonant Flyback Control IC
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
More results

Similar Description - A4408KLVTR-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VFC100 TI1-VFC100_00 Datasheet
147Kb / 16P
[Old version datasheet]   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Burr-Brown (TI)
VFC100 BURR-BROWN-VFC100 Datasheet
205Kb / 15P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
VFC101 BURR-BROWN-VFC101 Datasheet
136Kb / 10P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Maxim Integrated Produc...
MAXFILTERBRD MAXIM-MAXFILTERBRD Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
logo
Texas Instruments
UCC2810 TI-UCC2810 Datasheet
518Kb / 14P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC1810 TI-UCC1810 Datasheet
469Kb / 8P
[Old version datasheet]   Dual Channel Synchronized Current Mode PWM
logo
Torex Semiconductor
XC6804 TOREX-XC6804 Datasheet
400Kb / 27P
   200mA ~ 800mA Can be set by external resistance
logo
Texas Instruments
UCC3810-DIE TI-UCC3810-DIE_15 Datasheet
124Kb / 5P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC2810 TI1-UCC2810_10 Datasheet
357Kb / 12P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
logo
Linear Technology
LTC1429 LINER-LTC1429_15 Datasheet
329Kb / 12P
   Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com