Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4934 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A4934
Description  Three-Phase Sensorless Fan Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4934 Datasheet(HTML) 6 Page - Allegro MicroSystems

  A4934 Datasheet HTML 1Page - Allegro MicroSystems A4934 Datasheet HTML 2Page - Allegro MicroSystems A4934 Datasheet HTML 3Page - Allegro MicroSystems A4934 Datasheet HTML 4Page - Allegro MicroSystems A4934 Datasheet HTML 5Page - Allegro MicroSystems A4934 Datasheet HTML 6Page - Allegro MicroSystems A4934 Datasheet HTML 7Page - Allegro MicroSystems A4934 Datasheet HTML 8Page - Allegro MicroSystems A4934 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Three-Phase Sensorless Fan Driver
A4934
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
the commutation delay period, a CDCOM is asserted, starting
the Blank timer. The Blank signal disables the BEMF detector so
the comparator is not active during the commutation transients.
The next zero crossing, detected on the tri-stated output, causes
FCOM to go high. This triggers the Commutation Delay timer
and the sequence repeats.
Startup
At startup, commutations are provided by an onboard oscillator.
These commutations are part of the startup scheme, to step the
motor to generate BEMF until legitimate BEMF zero crossings
are detected and normal BEMF sensing commutation is achieved.
Until an appropriate number of FCOM pulses are achieved (96),
100% PWM will be applied to the motor windings.
Standby Mode
Driving PWM low for 500 μs causes the IC to enter a low power
standby mode.
Lock Detect
Valid FCOM signals must be detected to ensure the motor is not
stalled. If a valid FG is not detected for 2 s, the outputs will be
disabled for 5 s before an auto-restart is attempted.
FG Output
The FG output provides fan speed information to the system.
FG is an open drain output.
PWM Input
The duty cycle applied to the PWM pin is translated directly
to an average duty cycle applied across the motor windings
to control speed.
• For voltage controlled applications, where VBB controls the
speed, PWM can be left open circuit. PWM is internally pulled-
up to logic high level.
• PWM also can be used as a control input to start and stop the
motor.
• For PWM applications, input frequencies in the range
15 to 30 kHz are applied directly to the motor windings. If the
PWM duty cycle is very small, then the IC will apply a mini-
mum pulse width of typically 6 μs. This minimum pulse width
effects the minimum speed. As a result of having a minimum
pulse width, the IC can startup and operate down to very short
duty cycles.
SLEW Input
Controls the level of soft switching:
SLEW Pin Connection
Soft Switch Status
GND
Less
Open
More
FC Input
This is the logic input to set force commutation time at startup, by
connection as follows:
FC Pin Connection
Startup Commutation Time
(ms)
GND
100
VBB
50
Open
200
Overcurrent Protection
If needed, a sense resistor can be installed to limit current. (See
Applications Information section for more details.) The current
limit trip point would be set by:
IOCL = 200 mV / RS .
When the trip point is reached, if the threshold voltage, VOCL, is
exceeded, the drivers will be disabled for 25 μs.


Similar Part No. - A4934

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
A493-0005-A3 BEL-A493-0005-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A493-0007-A3 BEL-A493-0007-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A493-0010-A3 BEL-A493-0010-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A493-0012-A3 BEL-A493-0012-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A493-0015-A3 BEL-A493-0015-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
More results

Similar Description - A4934

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4941 ALLEGRO-A4941_16 Datasheet
225Kb / 9P
   Three-Phase Sensorless Fan Driver
A4941GLPTR-T ALLEGRO-A4941GLPTR-T Datasheet
225Kb / 9P
   Three-Phase Sensorless Fan Driver
A5936 ALLEGRO-A5936 Datasheet
668Kb / 12P
   Three Phase Sensorless Sinusoidal Fan Driver
A4942GESTR-T ALLEGRO-A4942GESTR-T Datasheet
108Kb / 1P
   A4942 Three-Phase Sensorless Fan Driver
logo
ON Semiconductor
LV8850GA ONSEMI-LV8850GA Datasheet
287Kb / 14P
   Three-Phase sensorless FAN Motor Pre-Driver
July, 2013
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
Eutech Microelectronics...
EUM6801 EUTECH-EUM6801 Datasheet
141Kb / 1P
   3-Phase Sensorless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com