Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5364CA Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A5364CA
Description  Low average standby current for long battery life
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5364CA Datasheet(HTML) 4 Page - Allegro MicroSystems

  A5364CA Datasheet HTML 1Page - Allegro MicroSystems A5364CA Datasheet HTML 2Page - Allegro MicroSystems A5364CA Datasheet HTML 3Page - Allegro MicroSystems A5364CA Datasheet HTML 4Page - Allegro MicroSystems A5364CA Datasheet HTML 5Page - Allegro MicroSystems A5364CA Datasheet HTML 6Page - Allegro MicroSystems A5364CA Datasheet HTML 7Page - Allegro MicroSystems A5364CA Datasheet HTML 8Page - Allegro MicroSystems A5364CA Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ionization Smoke Detector
with Interconnect
A5364
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS1,2
at TA = 25°C, VDD = 9.0 V, VSS = 0 V, COSCCAP = 0.1 μF,
RTIMINGRES = 8.2 MΩ (unless otherwise noted)
Continued on the next page…
Characteristic
Symbol
Test Conditions
Test Pin
Min.
Typ.
Max.
Units
Supply Voltage Range
VDD
Operating
6
6.0
9.0
12
V
Supply Current
IDD
VDD = 9.0 V, no alarm, no loads
6
5.0
9.0
μA
VDD = 12 V, no alarm, no loads
6
12
μA
Detector Input Current
IDETECTIN 0% to 40% RH, VIN = 0 to 9.0 V
15
±1.0
pA
Input Offset Voltage
VOS(GUARD1) Active GUARD1
14, 15
±100
mV
VOS(GUARD2) Active GUARD2
16, 15
±100
mV
VOS
Detect comparator
15, 13
±50
mV
Hysteresis
VHYS
No alarm to alarm
13
90
130
170
mV
Common Mode Range
VCM(guard) Guard amplifier
14, 15
2.0
VDD – 0.5
V
VCM
Smoke comparator
13, 15
0.5
VDD – 2.0
V
Active Guard Impedance
ZAG1
GUARD1 to VSS
14
10
ZAG2
GUARD2 to VSS
16
500
Oscillator Period
tosc
No alarm
12
1.34
1.67
2.00
s
tosc(alarm) Local or remote alarm
12
32
40
48
ms
Oscillator Pulse Width
tw(osc)
12
8.0
10
12
ms
Low-Battery Threshold
VDD(th)
TA = 0°C to 50°C,
LOW-V SET open circuit
6
7.2
7.8
V
Sensitivity Adjust Voltage
VSET
VSENSITIVITYSET / VDD,
SENSITIVITY SET open circuit
13
48.5
50
51.5
%VDD
Horn Output Voltage
VOL
IOUT = 16 mA, VDD = 9.0 V
10, 11
0.1
0.5
V
IOUT = 16 mA, VDD = 7.2 V
10, 11
0.9
V
VOH
IOUT = –16 mA, VDD = 9.0 V
10, 11
8.5
8.8
V
IOUT = –16 mA, VDD = 7.2 V
10, 11
6.3
V
Horn Output On-Time
ton(horn)
Local or remote alarm
10,11
450
500
550
ms
tw(horn)
Low battery
10, 11
8.0
10
12
ms
Horn Output Off-Time
toff1(horn)
Local or remote alarm
(see Timing Diagrams section)
10, 11
450
500
550
ms
toff2(horn)
Local or remote alarm
(see Timing Diagrams section)
10, 11
1350
1500
1650
ms
thorn
Low battery
10, 11
32
40
48
s
LED Output-On Current
ILED
VDD = 7.2 V, VLED = 1.0 V
5
10
mA
LED Output On-Time
tw(LED)
5
8.0
10
12
ms
LED Output Off-Time
tLED1
No alarm, in standby
5
32
40
48
s
tLED3
Local alarm or test alarm
5
0.76
0.97
1.14
s
tLED4
Remote alarm, no local smoke
5
No LED
pulses
—s


Similar Part No. - A5364CA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5364CA ALLEGRO-A5364CA Datasheet
156Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
More results

Similar Description - A5364CA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1811A MICROCHIP-MCP1811A Datasheet
1Mb / 18P
   Ultra-Low Quiescent Current LDO Regulator for Long-Life Battery-Powered Applications
08/15/18
logo
MERITEK ELECTRONICS COR...
RF MERITEK-RF Datasheet
925Kb / 6P
   High ripple current, low E.S.R. and long life
logo
jb Capacitors Company
JRD JBCAPACITORS-JRD Datasheet
480Kb / 3P
   Low Impedance, Long Life
logo
RUBYCON CORPORATION
25YXG100MEFC6.3X11 RUBYCON-25YXG100MEFC6.3X11 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
35YXG1000M12.5X25 RUBYCON-35YXG1000M12.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
logo
Cornell Dubilier Electr...
AEB CDE-AEB Datasheet
710Kb / 7P
   Low Impedance and Long Life for High Voltage, High Ripple Current Applications
logo
RUBYCON CORPORATION
16YXF470MEFC10X12.5 RUBYCON-16YXF470MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com