Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6216 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A6216
Description  2 A maximum output over operating temperature range
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6216 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A6216 Datasheet HTML 1Page - Allegro MicroSystems A6216 Datasheet HTML 2Page - Allegro MicroSystems A6216 Datasheet HTML 3Page - Allegro MicroSystems A6216 Datasheet HTML 4Page - Allegro MicroSystems A6216 Datasheet HTML 5Page - Allegro MicroSystems A6216 Datasheet HTML 6Page - Allegro MicroSystems A6216 Datasheet HTML 7Page - Allegro MicroSystems A6216 Datasheet HTML 8Page - Allegro MicroSystems A6216 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Automotive-Grade, Constant-Current 2 A
PWM Dimmable Buck Regulator LED Driver
A6214 and
A6216
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Pinout Diagram for A6214
(LK Package)
Terminal List Table for A6214 (LK Package)
Number
Name
Function
1
VIN
Supply voltage input voltage for IC and buck regulator
2
TON
Regulator on-time setting resistor terminal. Connect a resistor
between VIN and TON to set the switching frequency.
3
EN/PWM
Logic input for Enable and PWM dimming
4
ADIM
Analog dimming control voltage input
5
VCC
Internal IC bias regulator output. Connect 1uF MLCC to GND.
Can be used to supply up to 10mA for external load.
6
GND
Ground terminal
7
CSL
Current Sense (Lower end) feedback input for LED current
8
CSH
Current Sense (Higher end) feedback input for LED current
9
BOOT
DMOS gate driver bootstrap terminal
10
SW
Switched output terminal
-
PAD
Exposed pad for enhanced thermal dissipation; connect to GND
Pinout Diagram for A6216
(LP Package)
VIN
TON
EN
ADIM
VCC
SW
BOOT
CSH
CSL
GND
PAD
1
2
3
4
5
10
9
8
7
6
VIN
TON
EN/PWM
ADIM
VCC
DR
GND
FULL
SW
BOOT
CSH
CSL
GND
FAULT
FPWM
RANGE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PAD
Terminal List Table for A6216 (LP Package)
Number
Name
Function
1
VIN
Supply voltage input voltage for IC and buck regulator
2
TON
Regulator on-time setting resistor terminal. Connect a resistor
between VIN and TON to set the switching frequency
3
EN/PWM
Logic input for Enable and PWM dimming
4
ADIM
Analog dimming control voltage input
5
VCC
Internal IC bias regulator output. Connect 1uF MLCC to GND.
Can be used to supply up to 10mA for external load
6
DR
Dimming Ratio control. In stand-alone mode: connect to resistor
divider network from VCC to set the dimming PWM duty cycle
7
GND
Ground terminal
8
FULL
Selects 100% dimming duty cycle or DR control of duty cycle
9
RANGE
Selects DR control range, high range gives DR control from 5%
to 100%, low range gives DR control from 5% to 33%.
10
FPWM
Dimming PWM frequency control. In stand-alone mode, connect
a resistor to GND to set the dimming PWM frequency
11
FAULT
Open-drain output which is pulled low in case of fault. Connect
through an external pull-up resistor to the desired logic level.
12
GND
Ground terminal
13
CSL
Current Sense (Lower end) feedback input for LED current
14
CSH
Current Sense (Higher end) feedback input for LED current
15
BOOT
DMOS gate driver bootstrap terminal
16
SW
Switched output terminal
-
PAD
Exposed pad for enhanced thermal dissipation; connect to GND


Similar Part No. - A6216

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A621 ETC2-A621 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
A621 TEKTRONIX-A621 Datasheet
2Mb / 36P
   Mixed Domain Oscilloscopes
A621 TEKTRONIX-A621 Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
A621 TEKTRONIX-A621 Datasheet
215Kb / 4P
   Current Probes
logo
Allegro MicroSystems
A6210 ALLEGRO-A6210 Datasheet
448Kb / 11P
   3 A, 2 MHz Buck-Regulating LED Driver
More results

Similar Description - A6216

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
ET-LM317 ESTEK-ET-LM317 Datasheet
239Kb / 2P
   ABSOLUTE MAXIMUM RATINGS OVER OPERATING TEMPERATURE RANGE
logo
Murata Manufacturing Co...
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS24M5X53-B0 MURATA-CSALS24M5X53-B0 Datasheet
193Kb / 3P
   stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
   stable over a wide temperature range
CSALS20M0X53-A0 MURATA-CSALS20M0X53-A0 Datasheet
186Kb / 3P
   stable over a wide temperature range
CSALS24M0X53-A0 MURATA-CSALS24M0X53-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-A0 MURATA-CSALS16M0X55-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS25M0X53-B0 MURATA-CSALS25M0X53-B0 Datasheet
182Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-B0 MURATA-CSALS16M0X55-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS16M0X55Z-B0 MURATA-CSALS16M0X55Z-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com