Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRI64-A6S2U Datasheet(PDF) 8 Page - STMicroelectronics

Part # LRI64-A6S2U
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A6S2U Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LRI64-A6S2U Datasheet HTML 4Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 5Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 6Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 7Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 8Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 9Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 10Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 11Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LRI64
8/38
DATA RATE AND DATA CODING
The data coding method involves pulse position
modulation. The LRI64 supports the “1-out-of-4”
pulse coding mode. Any request that the VCD
might send in the “1-out-of-256” pulse coded
mode, is ignored, and the LRI64 remains in its cur-
rent state.
Two bit values are encoded at a time, by the posi-
tioning of a pause of the carrier frequency in one
of four possible 18.88µs (256/fc) time slots, as
shown in Figure 7.
Four successive pairs of bits form a byte. The
transmission of one byte takes 302.08 µs and,
consequently, the data rate is 26.48 kbits/s (fc/
512).
The encoding for the least significant pair of bits is
transmitted first. For example Figure 6. shows the
transmission of E1h (225d, 1110 0001b) by the
VCD.
Figure 7. “1-out-of-4” Coding Mode
AI06658
9.44 µs
9.44 µs
75.52 µs
28.32 µs
9.44 µs
75.52 µs
47.20µs
9.44 µs
75.52 µs
66.08 µs
9.44 µs
75.52 µs
Pulse position for "00"
Pulse position for "11"
Pulse position for "10" (0=LSB)
Pulse position for "01" (1=LSB)


Similar Part No. - LRI64-A6S2U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRI64-A6S2U STMICROELECTRONICS-LRI64-A6S2U Datasheet
523Kb / 52P
   Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
LRI64-A6S2U STMICROELECTRONICS-LRI64-A6S2U Datasheet
466Kb / 52P
   Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
More results

Similar Description - LRI64-A6S2U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRI64 STMICROELECTRONICS-LRI64_07 Datasheet
523Kb / 52P
   Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
LRIS2K STMICROELECTRONICS-LRIS2K Datasheet
71Kb / 8P
   Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
LRI64 STMICROELECTRONICS-LRI64_08 Datasheet
466Kb / 52P
   Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
LRIS2K STMICROELECTRONICS-LRIS2K_11 Datasheet
575Kb / 98P
   2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
LRIS2K STMICROELECTRONICS-LRIS2K_08 Datasheet
852Kb / 102P
   2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
SR176 STMICROELECTRONICS-SR176 Datasheet
118Kb / 5P
   13.56 MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64-bit Unique ID
LRI512 STMICROELECTRONICS-LRI512 Datasheet
351Kb / 54P
   Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
July 2002
LRI2K STMICROELECTRONICS-LRI2K Datasheet
760Kb / 89P
   13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
SR176 STMICROELECTRONICS-SR176_07 Datasheet
364Kb / 35P
   13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
logo
AMIC Technology
A9210B AMICC-A9210B Datasheet
208Kb / 13P
   13.56MHz RFID TAG IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com