Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OA4NP Datasheet(PDF) 11 Page - STMicroelectronics

Part # OA4NP
Description  Rail-to-rail input and output
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA4NP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button OA4NP Datasheet HTML 7Page - STMicroelectronics OA4NP Datasheet HTML 8Page - STMicroelectronics OA4NP Datasheet HTML 9Page - STMicroelectronics OA4NP Datasheet HTML 10Page - STMicroelectronics OA4NP Datasheet HTML 11Page - STMicroelectronics OA4NP Datasheet HTML 12Page - STMicroelectronics OA4NP Datasheet HTML 13Page - STMicroelectronics OA4NP Datasheet HTML 14Page - STMicroelectronics OA4NP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
DocID025993 Rev 2
11/31
OA1NP, OA2NP, OA4NP
Electrical characteristics
31
Figure 2. Supply current vs. supply voltage
Figure 3. Supply current vs. input common
mode voltage
1.5
1.5
2.0
2.0
2.5
2.5
3.0
3.0
3.5
3.5
4.0
4.0
4.5
4.5
5.0
5.0
5.5
5.5
0.0
0.0
0.1
0.2
0.2
0.3
0.4
0.4
0.5
0.6
0.6
0.7
0.8
0.8
0.9
1.0
1.0
T=-40°C
Vicm=Vout=Vcc/2
T=85°C
T=25°C
Supply voltage (V)
0.0
0.0 0.3
0.3 0.6
0.6 0.9
0.9 1.2
1.2 1.5
1.5 1.8
1.8 2.1
2.1 2.4
2.4 2.7
2.7 3.0
3.0 3.3
3.3
0.0
0.0
0.1
0.2
0.2
0.3
0.4
0.4
0.5
0.6
0.6
0.7
0.8
0.8
0.9
1.0
1.0
T=-40°C
Vcc=3.3V, Vout=Vcc/2
T=85°C
T=25°C
Input common mode voltage (V)
Figure 4. Supply current in saturation mode
Figure 5. Input offset voltage distribution
0.0
0.0
0.1
0.2
0.2
0.3
0.4
0.4
0.5
0.6
0.6
0.7
0.8
0.8
0.9
1.0
1.0
Vcc=3.3V
Follower configuration
Temperature
85°C/65°C/45°C/25°C/-5°C/-40°C
Input voltage (mV)
-3
-2
-1
0
1
2
3
0
5
10
15
20
25
30
35
40
45
50
Vio distribution at T=25°C
Vcc=3.3V, Vicm=1.65V
Input offset voltage (mV)
Figure 6. Input offset voltage vs. common mode
voltage
Figure 7. Input offset voltage vs. temperature at
3.3 V supply voltage
0.0
0.0 0.3
0.3 0.6
0.6 0.9
0.9 1.2
1.2 1.5
1.5 1.8
1.8 2.1
2.1 2.4
2.4 2.7
2.7 3.0
3.0 3.3
3.3
0.0
0.0
0.1
0.2
0.2
0.3
0.4
0.4
0.5
0.6
0.6
0.7
0.8
0.8
0.9
1.0
1.0
T=-40°C
Vcc=3.3V
T=85°C
T=25°C
Common mode voltage (V)
-60
-60
-40
-40
-20
-20
0020
20
40
40
60
60
80
80
100
100
-5
-5
-4
-4
-3
-3
-2
-2
-1
-1
00
11
22
33
44
55
Limit for OAxNP
Vcc=3.3V, Vicm=1.65V
Temperature (°C)


Similar Part No. - OA4NP

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA406 ORIONFANS-OA406 Datasheet
540Kb / 1P
   1U High Fan Tray with Redundant Power
OA406 ORIONFANS-OA406 Datasheet
5Mb / 8P
   AC & EC FANS
OA406PS ORIONFANS-OA406PS Datasheet
5Mb / 8P
   AC & EC FANS
logo
List of Unclassifed Man...
OA47 ETC1-OA47 Datasheet
41Kb / 1P
   JEDEC DO-7 PACKAGE
OA47 ETC1-OA47 Datasheet
356Kb / 11P
   GOLD BONDED, GERMANIUM DIODE
More results

Similar Description - OA4NP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6N16 MICROCHIP-MCP6N16 Datasheet
7Mb / 58P
   Rail-to-Rail Input and Output
03/25/14
MCP6N11 MICROCHIP-MCP6N11 Datasheet
5Mb / 50P
   Rail-to-Rail Input and Output
08/02/11
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
Linear Technology
LTC6800 LINER-LTC6800_15 Datasheet
1Mb / 14P
   Rail-to-Rail, Input and Output, Instrumentation Amplifier
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
logo
National Semiconductor ...
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com