Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX157 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX157
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX157 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX157 Datasheet HTML 1Page - Maxim Integrated Products MAX157 Datasheet HTML 2Page - Maxim Integrated Products MAX157 Datasheet HTML 3Page - Maxim Integrated Products MAX157 Datasheet HTML 4Page - Maxim Integrated Products MAX157 Datasheet HTML 5Page - Maxim Integrated Products MAX157 Datasheet HTML 6Page - Maxim Integrated Products MAX157 Datasheet HTML 7Page - Maxim Integrated Products MAX157 Datasheet HTML 8Page - Maxim Integrated Products MAX157 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.25V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps),
CH- = GND for MAX159, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND. .............................................................-0.3V to +6V
CH0, CH1 (CH+, CH-) to GND...................-0.3V to (VDD + 0.3V)
REF to GND ................................................-0.3V to (VDD + 0.3V)
Digital Inputs to GND ...............................................-0.3V to +6V
DOUT to GND.............................................-0.3V to (VDD + 0.3V)
DOUT Sink Current ............................................................ 25mA
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 4.1mW/°C above +70°C) ......................330mW
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Operating Temperature Ranges
MAX157/MAX159_C_A .......................................0°C to +70°C
MAX157/MAX159_E_A ....................................-40°C to +85°C
MAX157/MAX159_MJA................................. -55°C to +125°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (fIN (sine wave) = 10kHz, VIN = 2.5Vp-p, 108ksps, external fSCLK = 2.17MHz, CH- = GND for MAX159)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Gain Error (Note 3)
±2
LSB
Offset Error
±2
LSB
Differential Nonlinearity
DNL
±0.5
LSB
±1
Gain Temperature Coefficient
±0.8
ppm/°C
Channel-to-Channel Offset
Matching
±0.02
LSB
Channel-to-Channel Gain
Matching
±0.02
LSB
Resolution
RES
10
Bits
Relative Accuracy (Note 2)
INL
±0.5
LSB
Signal-to-Noise Ratio plus
Distortion
SINAD
66
dB
Total Harmonic Distortion
(including 5th-order harmonic)
THD
-70
dB
Spurious-Free Dynamic Range
SFDR
70
dB
Channel-to-Channel Crosstalk
-75
dB
Small-Signal Bandwidth
2.25
MHz
Full-Power Bandwidth
1.0
MHz
CONDITIONS
No missing codes over temperature
MAX15_B
External reference, VREF = 2.5V
fIN = 65kHz, VIN = 2.5Vp-p (Note 4)
-3dB rolloff
MAX15_A


Similar Part No. - MAX157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
MAX1572ETC MAXIM-MAX1572ETC Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results

Similar Description - MAX157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com