Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1045 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SR1045
Description  SCHOTTKY BARRIER RECTIFIERS 10.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SR1045 Datasheet(HTML) 1 Page - Nanjing International Group Co

  SR1045 Datasheet HTML 1Page - Nanjing International Group Co SR1045 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 10.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
S
R1020
S
R10100
THRU
Typical Thermal Resistance R JA (Note 2)
θ
VOLTAGE RANGE
20 to
200 Volts
CURRENT
10
.0 Amperes
DO-27
Dimensions in inches and (millimeters)
0.945(24.0)
MIN.
0.945(24.0)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.04
3(1.1)
DIA.
.220(5.6)
.197(5.0)
DIA.
A
A
V
uA
mA
pF
10
.0
2
50
100
5
12
-65
+150
-65
+150
0.5
0
42
0
S
R1020 SR1040 SR1045 SR1060 SR1080 SR10100 UNITS
20
40
45
6
0
8
0
100
V
20
40
45
6
0
80
100
V
14
28
31.5
42
56
70
V
0.
65
0.
76
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
10.0A


Similar Part No. - SR1045

ManufacturerPart #DatasheetDescription
logo
Bytes
SR1045 BYTES-SR1045 Datasheet
161Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR1045 LUGUANG-SR1045 Datasheet
189Kb / 2P
   10.0A Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1045 DGNJDZ-SR1045 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
Formosa MS
SR1045 FORMOSA-SR1045 Datasheet
38Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SR1045 CHENDA-SR1045 Datasheet
125Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1045

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SR1020 LUGUANG-SR1020 Datasheet
189Kb / 2P
   10.0A Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1045-10A-DO-27 DGNJDZ-SR1045-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1020.10A-DO-27 DGNJDZ-SR1020.10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1040-10A-DO-27 DGNJDZ-SR1040-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1020-10A-DO-27 DGNJDZ-SR1020-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1060-10A-DO-27 DGNJDZ-SR1060-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR10100-10A-DO-27 DGNJDZ-SR10100-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
PACELEADER INDUSTRIAL
MBR10100AULPS PACELEADER-MBR10100AULPS Datasheet
383Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 100V
MBR10150CT PACELEADER-MBR10150CT Datasheet
362Kb / 3P
   10.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR10150FCT PACELEADER-MBR10150FCT Datasheet
355Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 150V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com