Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1492 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1492
Description  3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1492 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1492 Datasheet HTML 1Page - Maxim Integrated Products MAX1492 Datasheet HTML 2Page - Maxim Integrated Products MAX1492 Datasheet HTML 3Page - Maxim Integrated Products MAX1492 Datasheet HTML 4Page - Maxim Integrated Products MAX1492 Datasheet HTML 5Page - Maxim Integrated Products MAX1492 Datasheet HTML 6Page - Maxim Integrated Products MAX1492 Datasheet HTML 7Page - Maxim Integrated Products MAX1492 Datasheet HTML 8Page - Maxim Integrated Products MAX1492 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
3.5- and 4.5-Digit, Single-Chip ADCs
with LCD Drivers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +2.7V to +5.25V, GND = 0, VREF+ - VREF- = 2.048V (external reference). Internal clock mode, unless otherwise noted.
All specifications are at TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE PUMP (CNEG = 0.1µF)
Output Voltage
VNEG
-2.60
-2.42
-2.30
V
DIGITAL INPUTS (SCLK, DIN,
CS, CLK)
Input Current
IIN
VIN = 0 or DVDD
-10
+10
µA
Input Low Voltage
VINL
0.3 x
DVDD
V
Input High Voltage
VINH
0.7 x DVDD
V
Input Hysteresis
VHYST
DVDD = 3.0V
200
mV
DIGITAL OUTPUTS (DOUT,
EOC)
Output Low Voltage
VOL
ISINK = 1mA
0.4
V
Output High Voltage
VOH
ISOURCE = 200µA
0.8 x DVDD
V
Tri-State Leakage Current
IL
DOUT only
-10
+10
µA
Tri-State Output Capacitance
COUT
DOUT only
15
pF
POWER SUPPLY
AVDD Voltage
AVDD
2.70
5.25
V
DVDD Voltage
DVDD
2.70
5.25
V
Power-Supply Rejection AVDD
PSRRA
(Note 7)
80
dB
Power-Supply Rejection DVDD
PSRRD
(Note 7)
100
dB
AVDD = 5V
580
660
AVDD Current (Notes 8, 9)
IAVDD
Standby
240
380
µA
DVDD = 5V
260
320
DVDD = 3.3V
130
180
DVDD Current (Notes 8, 9)
IDVDD
Standby
10
20
µA
LCD DRIVER
MAX1492
1.92 x
DVDD
RMS Segment On Voltage
MAX1494
1.92 x
(DVDD - VDISP)
V
MAX1492
1/3 x
DVDD
RMS Segment Off Voltage
MAX1494
1/3 x
(DVDD - VDISP)
V
Display Voltage Setup Resistor
RDISP
MAX1494 only
157.5
k
Display Multiplex Rate
107
Hz
LCD Data-Update Rate
2.5
Hz


Similar Part No. - MAX1492

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14920 MAXIM-MAX14920 Datasheet
1Mb / 29P
   High-Accuracy 12-/16-Cell Measurement AFEs
Rev 0; 10/12
MAX14920 MAXIM-MAX14920 Datasheet
805Kb / 30P
   High-Accuracy 12-/16-Cell Measurement AFEs
2014
MAX14920ECB++ MAXIM-MAX14920ECB+ Datasheet
805Kb / 30P
   High-Accuracy 12-/16-Cell Measurement AFEs
2014
MAX14920 MAXIM-MAX14920_V01 Datasheet
805Kb / 30P
   High-Accuracy 12-/16-Cell Measurement AFEs
2014
MAX14921 MAXIM-MAX14921 Datasheet
9Mb / 25P
   A high-acuuracy 16-cell battery-management reference design
Rev 0; 4/13
More results

Similar Description - MAX1492

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1491 MAXIM-MAX1491 Datasheet
723Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 0; 10/03
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
logo
NXP Semiconductors
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
logo
List of Unclassifed Man...
35BD050 ETC1-35BD050 Datasheet
75Kb / 1P
   3.5 DIGIT LCD GLASS PANEL
logo
DATEL, Inc.
PM-35LC-ADV-04 DATEL-PM-35LC-ADV-04 Datasheet
154Kb / 1P
   3.5 Digit LCD Backlit Black
PM-35LC-ADV-02 DATEL-PM-35LC-ADV-02 Datasheet
155Kb / 1P
   3.5 Digit LCD Backlit Green
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com