Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1580L-15A-TO-277 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SR1580L-15A-TO-277
Description  15A Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SR1580L-15A-TO-277 Datasheet(HTML) 1 Page - Nanjing International Group Co

  SR1580L-15A-TO-277 Datasheet HTML 1Page - Nanjing International Group Co SR1580L-15A-TO-277 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
×Ñ
×ÚÍÓ
ÊÚÓ
×Î
Î
Î
ÌÖ
ÌÍÌÙ
ïðð
´¿-¬·½ ³¿¬»®·¿´óËÔ º´¿³³¿¾·´·¬§ çìÊóð
Ð
ò
¿-»æ ÌÑóîééô ³±´¼»¼ °´¿-¬·½
Ý
ò
Ìß
Ìß
Ìß
ß
ò
ÍÎïëìëÔ ÌØÎË ÍÎïëèðÔ
¼·³»²-·±²- ·² ·²½¸»- ¿²¼ ø³·´´·³»¬»®-÷
ÌÑóîéé


Similar Part No. - SR1580L-15A-TO-277

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR1580L-15A-277 DGNJDZ-SR1580L-15A-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SR1580L-15A-TO-277

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR1560L-15A-277 DGNJDZ-SR1560L-15A-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1545L DGNJDZ-SR1545L Datasheet
20Mb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1545L-15A-TO-277 DGNJDZ-SR1545L-15A-TO-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1580L-15A-277 DGNJDZ-SR1580L-15A-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1550L-15A-TO-277 DGNJDZ-SR1550L-15A-TO-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1560L-15A-TO-277 DGNJDZ-SR1560L-15A-TO-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBRB1530CT DIODES-MBRB1530CT_10 Datasheet
83Kb / 4P
   15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 6 - 2
MBRB1530CT DIODES-MBRB1530CT Datasheet
46Kb / 2P
   15a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. B-2
MBRB1530CT_ DIODES-MBRB1530CT_ Datasheet
358Kb / 3P
   15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 5 - 2
logo
Zibo Seno Electronic En...
SR1545L ZSELEC-SR1545L Datasheet
224Kb / 3P
   15A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com