Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1494 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1494
Description  3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1494 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1494 Datasheet HTML 1Page - Maxim Integrated Products MAX1494 Datasheet HTML 2Page - Maxim Integrated Products MAX1494 Datasheet HTML 3Page - Maxim Integrated Products MAX1494 Datasheet HTML 4Page - Maxim Integrated Products MAX1494 Datasheet HTML 5Page - Maxim Integrated Products MAX1494 Datasheet HTML 6Page - Maxim Integrated Products MAX1494 Datasheet HTML 7Page - Maxim Integrated Products MAX1494 Datasheet HTML 8Page - Maxim Integrated Products MAX1494 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
General Description
The MAX1492/MAX1494 low-power, 3.5- and 4.5-digit,
analog-to-digital converters (ADCs) with integrated liquid
crystal display (LCD) drivers operate from a single 2.7V
to 5.25V power supply. They include an internal refer-
ence, a high-accuracy on-chip oscillator, and a triplexed
LCD driver. An internal charge pump generates the neg-
ative supply needed to power the integrated input buffer
for single-supply operation. The ADC is configurable for
either a ±2V or ±200mV input range and outputs its con-
version results to an LCD and/or to a microcontroller
(µC). µC communication is facilitated through an
SPI™-/QSPI™-/MICROWIRE™-compatible serial inter-
face. The MAX1492 is a 3.5-digit (±1999 count) device,
and the MAX1494 is a 4.5-digit (±19,999 count) device.
The MAX1492/MAX1494 do not require external-preci-
sion integrating capacitors, autozero capacitors, crystal
oscillators, charge pumps, or other circuitry required
with dual-slope ADCs (commonly used in panel meter
circuits).
These devices also feature on-chip buffers for the dif-
ferential signal and reference inputs, allowing direct
interface with high-impedance signal sources. In addi-
tion, they use continuous internal-offset calibration and
offer >100dB simultaneous rejection of 50Hz and 60Hz
line noise. Other features include data hold and peak
hold, overrange and underrange detection, and a low-
battery monitor.
The MAX1494 comes in a 32-pin, 7mm x 7mm TQFP
package, and the MAX1492 comes in 28-pin SSOP and
28-pin PDIP packages. All devices in this family operate
over the 0°C to +70°C commercial temperature range.
Applications
Digital Panel Meters
Hand-Held Meters
Digital Voltmeters
Digital Multimeters
Features
o High Resolution
MAX1494: 4.5 Digits (±19,999 Count)
MAX1492: 3.5 Digits (±1999 Count)
o Sigma-Delta ADC Architecture
No Integrating Capacitors Required
No Autozeroing Capacitors Required
>100dB of Simultaneous 50Hz and 60Hz
Rejection
o Operate from a Single 2.7V or 5.25V Supply
o Selectable Input Range of ±200mV or ±2V
o Selectable Voltage Reference: Internal 2.048V
or External
o Internal High-Accuracy Oscillator Needs No
External Components
o Automatic Offset Calibration
o Low Power
Maximum 960µA Operating Current
Maximum 400µA Shutdown Current
o Small 32-Pin 7mm x 7mm TQFP Package
(4.5 Digits), 28-Pin SSOP Package (3.5 Digits)
o Triplexed LCD Driver
o SPI-/QSPI-/MICROWIRE-Compatible Serial
Interface
o Evaluation Kit Available (Order MAX1494EVKIT)
3.5- and 4.5-Digit, Single-Chip ADCs
with LCD Drivers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2959; Rev 3; 5/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP
RANGE
PIN-
PACKAGE
RESOLUTION
(DIGITS)
MAX1492CAI
0
°C to +70°C 28 SSOP
3.5
MAX1492CNI
0
°C to +70°C 28 PDIP
3.5
MAX1494CCJ
0
°C to +70°C 32 TQFP
4.5
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX1494

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14940 MAXIM-MAX14940 Datasheet
3Mb / 13P
   Terminal Block Connectors for Easy RS-485/ PROFIBUS Evaluation
Rev 0; 6/15
MAX14941 MAXIM-MAX14941 Datasheet
931Kb / 21P
   5kV Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 11/15
MAX14941 MAXIM-MAX14941 Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX14941GWE++ MAXIM-MAX14941GWE+ Datasheet
931Kb / 21P
   5kV Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 11/15
MAX14941GWE+T MAXIM-MAX14941GWE+T Datasheet
931Kb / 21P
   5kV Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 11/15
More results

Similar Description - MAX1494

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1491 MAXIM-MAX1491 Datasheet
723Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 0; 10/03
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
logo
NXP Semiconductors
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
logo
List of Unclassifed Man...
35BD050 ETC1-35BD050 Datasheet
75Kb / 1P
   3.5 DIGIT LCD GLASS PANEL
logo
DATEL, Inc.
PM-35LC-ADV-04 DATEL-PM-35LC-ADV-04 Datasheet
154Kb / 1P
   3.5 Digit LCD Backlit Black
PM-35LC-ADV-02 DATEL-PM-35LC-ADV-02 Datasheet
155Kb / 1P
   3.5 Digit LCD Backlit Green
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com