Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1874EVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1874EVKIT
Description  MAX1874 Evaluation Kit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1874EVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1874EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX1874EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX1874EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX1874EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX1874EVKIT Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dual-Input, USB/AC Adapter, 1-Cell
Li+ Charger with OVP and Thermal Regulation
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VUSB = VDC = VDCLV = VEN = VUSEL = 5V, VBATT = 4.2V, VTHRM = VREF / 2, Circuit of Figure 2, TA = 0°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DC, DCOK to GND .................................................-0.3V to +20V
DCLV, BYP, USB, UOK, DCI, REF, USEL, THRM,
EN, BATT, CHG, PON to GND .............................-0.3V to +7V
PGND to GND .......................................................-0.3V to +0.3V
Continuous Current (DCLV) ..................................................1.1A
Continuous Current (USB) ....................................................0.6A
Continuous Power Dissipation (TA = +70°C)
16-Pin 5mm 5mm Thin QFN
(derate 21.3mW/°C above +70°C) ...................................1.7W
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Maximum Junction Temperature .....................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE RANGES AND INPUT CURRENT
Maximum DC Input Voltage with
Overvoltage Protection
Q2 input MOSFET must be in place; charging
occurs only below 6.2V, Figures 3, 4, and 5
18
V
Maximum DC Input Voltage Without
Overvoltage Protection
DC = DCLV, Q2 input MOSFET not on circuit,
Figure 2
6.5
V
Maximum Input Voltage for Charging
6.0
6.2
6.5
V
VEN = 0V
2
4
DC Supply Current
VEN = 5V
4
6
mA
DCLV Operating Voltage Range
4.35
6.00
V
DCLV Shutdown Supply Current
VEN = 0V
300
500
µA
USB Input Voltage Range
4.35
6.50
V
VEN = 0V
500
750
µA
VEN = 5V, VDC = 0V
2
3
mA
USB Supply Current
VEN = 5V, VDC = 5V
160
300
µA
DCI Input Current
1
100
nA
BYP Output Resistance
(Note 1)
5
THRM Input Bias Current
1
100
nA
BATTERY VOLTAGE
BATT Regulation Voltage
4.1685
4.20
4.2315
V
BATT Prequal Voltage Threshold
BATT rising
2.8
3
3.2
V
Prequal Threshold Hysteresis
70
mV
IUSB = 100mA
100
USB Charging Headroom
IUSB = 500mA
200
mV
DC Charging Headroom
IDCIN = 800mA
250
mV
REF Voltage (Buffered Output)
IREF = 0 to 500µA, 4V < VDC or VUSB < 6.5V;
does not affect BATT regulation accuracy
2.94
3
3.06
V


Similar Part No. - MAX1874EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1874ETE MAXIM-MAX1874ETE Datasheet
405Kb / 16P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Rev 0; 7/03
MAX1874ETE MAXIM-MAX1874ETE Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
More results

Similar Description - MAX1874EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com