Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1494CCJ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1494CCJ
Description  3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1494CCJ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1494CCJ Datasheet HTML 4Page - Maxim Integrated Products MAX1494CCJ Datasheet HTML 5Page - Maxim Integrated Products MAX1494CCJ Datasheet HTML 6Page - Maxim Integrated Products MAX1494CCJ Datasheet HTML 7Page - Maxim Integrated Products MAX1494CCJ Datasheet HTML 8Page - Maxim Integrated Products MAX1494CCJ Datasheet HTML 9Page - Maxim Integrated Products MAX1494CCJ Datasheet HTML 10Page - Maxim Integrated Products MAX1494CCJ Datasheet HTML 11Page - Maxim Integrated Products MAX1494CCJ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
3.5- and 4.5-Digit, Single-Chip ADCs
with LCD Drivers
8
_______________________________________________________________________________________
Pin Description
PIN
MAX1492
MAX1494
NAME
FUNCTION
1
30
CLK
External Clock Input. When the EXTCLK bit in the control register is set, CLK is the
master clock input for the modulator and the filter (frequency = 4.9152MHz). When the
EXTCLK bit in the control register is reset, the internal clock is used. Connect CLK to
GND or DVDD when the internal oscillator is used.
231
DVDD
Digital Power Input. Connect DVDD to a 2.7V to 5.25V power supply. Bypass DVDD to
GND with 0.1µF and 4.7µF capacitors.
3
32
GND
Ground
41
AVDD
Analog Power Input. Connect AVDD to a 2.7V to 5.25V power supply. Bypass AVDD to
GND with 0.1µF and 4.7µF capacitors.
5
2
AIN+
Positive Analog Input. Positive side of fully differential analog input. Bypass AIN+ to
GND with a 0.1µF or greater capacitor.
6
3
AIN-
Negative Analog Input. Negative side of fully differential analog input. Bypass AIN- to
GND with a 0.1µF or greater capacitor.
7
4
REF-
Negative Reference Input. During internal reference operation, connect REF- to GND.
For external reference operation, bypass REF- to GND with a 0.1µF capacitor and set
VREF- from -2.2V to +2.2V, provided VREF+ > VREF-.
8
5
REF+
Positive Reference Input. During internal reference operation, connect a 4.7µF capacitor
from REF+ to GND. For external reference operation, bypass REF+ to GND with a 0.1µF
capacitor and set VREF+ from -2.2V to +2.2V, provided VREF+ > VREF-.
96
LOWBATT
Low-Battery Input. When VLOWBATT < 2.048V (typ), the LOWBATT symbol on LCD turns
on and the LOWBATT bit latches high in the status register.
10
7
EOC
Active-Low, End-of-Conversion Logic Output. A logic-low at EOC indicates that a new
ADC result is available in the ADC result register.
11
8
CS
Active-Low Chip-Select Input. Forcing CS low activates the serial interface.
12
9
DIN
Serial Data Input. Data present at DIN is shifted into the internal registers in response to
a rising edge at SCLK when CS is low.
13
10
SCLK
Serial Clock Input. Apply an external clock to SCLK to facilitate communication through
the serial bus. SCLK can idle high or low.
14
11
DOUT
Serial Data Output. DOUT presents serial data in response to register queries. Data
shifts out on the falling edge of SCLK. DOUT goes high impedance when CS is high.
15
12
SEG1
LCD Segment 1 Driver
16
13
SEG2
LCD Segment 2 Driver
17
14
SEG3
LCD Segment 3 Driver
18
15
SEG4
LCD Segment 4 Driver
19
16
SEG5
LCD Segment 5 Driver
20
17
SEG6
LCD Segment 6 Driver
21
18
SEG7
LCD Segment 7 Driver
22
19
SEG8
LCD Segment 8 Driver
23
20
SEG9
LCD Segment 9 Driver


Similar Part No. - MAX1494CCJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1494CCJ++ MAXIM-MAX1494CCJ+ Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
More results

Similar Description - MAX1494CCJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1491 MAXIM-MAX1491 Datasheet
723Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 0; 10/03
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
logo
NXP Semiconductors
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
logo
List of Unclassifed Man...
35BD050 ETC1-35BD050 Datasheet
75Kb / 1P
   3.5 DIGIT LCD GLASS PANEL
logo
DATEL, Inc.
PM-35LC-ADV-04 DATEL-PM-35LC-ADV-04 Datasheet
154Kb / 1P
   3.5 Digit LCD Backlit Black
PM-35LC-ADV-02 DATEL-PM-35LC-ADV-02 Datasheet
155Kb / 1P
   3.5 Digit LCD Backlit Green
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com