Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3317 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3317
Description  2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3317 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3317 Datasheet HTML 1Page - Maxim Integrated Products MAX3317 Datasheet HTML 2Page - Maxim Integrated Products MAX3317 Datasheet HTML 3Page - Maxim Integrated Products MAX3317 Datasheet HTML 4Page - Maxim Integrated Products MAX3317 Datasheet HTML 5Page - Maxim Integrated Products MAX3317 Datasheet HTML 6Page - Maxim Integrated Products MAX3317 Datasheet HTML 7Page - Maxim Integrated Products MAX3317 Datasheet HTML 8Page - Maxim Integrated Products MAX3317 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2.5V, 1µA, 460kbps,
RS-232-Compatible Transceivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.25V to +3.0V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +2.5V,
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
V+ to GND (Note 1) ..................................................-0.3V to +7V
V- to GND (Note 1) ...................................................-7V to +0.3V
V+ + |V-| (Note 1) .................................................................+13V
Input Voltages
T_IN, EN, SHDN, FORCEON,
FORCEOFF to GND ..................................................-0.3V to +6V
R_IN to GND .....................................................................±25V
Output Voltages
T_OUT to GND ...............................................................±13.2V
R_OUT, INVALID, READY to GND ..........-0.3V to (VCC + 0.3V)
Short-Circuit Duration, T_OUT to GND.......................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin SSOP (derate 7.14mW/°C above +70°C).........571mW
20-Pin SSOP (derate 8.00mW/°C above +70°C).........640mW
20-Pin TSSOP (derate 7.00mW/°C above +70°C).......559mW
Operating Temperature Ranges
MAX331_C_ _.....................................................0°C to +70°C
MAX331_E_ _ ..................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Die Temperature ..............................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
TRANSMITTER OUTPUTS
PARAMETER
RECEIVER INPUTS
RECEIVER OUTPUTS
LOGIC INPUTS
SYMBOL
MIN
TYP
MAX
UNITS
Input Logic Threshold High
0.7
VCC
V
Input Logic Threshold Low
0.3
VCC
V
Supply Current
0.3
1
mA
Transmitter Input Hysteresis
0.3
V
Input Leakage Current
±0.01
±1
µA
Output Leakage Current
±0.05
±10
µA
AutoShutdown Plus Supply
Current
110
µA
Shutdown Supply Current
110
µA
Output Voltage Low
0.1
VCC
V
Output Voltage High
0.9
VCC
V
Input Voltage Range
-25
+25
V
Input Threshold Low
0.3
VCC
V
Input Threshold High
0.7
VCC
V
Input Hysteresis
0.3
V
Input Resistance
35
7
k
Output Voltage Swing
±3.7
±4
V
CONDITIONS
IOUT = 0.5mA
T_IN, EN, SHDN, FORCEON, FORCEOFF
IOUT = -0.5mA
T_IN, EN, SHDN, FORCEON, FORCEOFF
SHDN = VCC, no load (MAX3317),
FORCEON = FORCEOFF = VCC, no load
(MAX3318/MAX3319)
T_IN, EN, SHDN, FORCEON, FORCEOFF
EN = VCC (MAX3317), receivers disabled
TA = +25°C
TA = +25°C
TA = +25°C
FORCEON = GND, FORCEOFF = VCC,
all R_IN idle, all T_IN idle
(MAX3318/MAX3319)
All transmitter outputs loaded with 3k
Ω to
ground
SHDN = GND (MAX3317), FORCEOFF = GND
(MAX3318/MAX3319)
DC CHARACTERISTICS (VCC = +2.5V, TA = +25°C)
LOGIC INPUTS
RECEIVER OUTPUTS
RECEIVER INPUTS
TRANSMITTER OUTPUTS


Similar Part No. - MAX3317

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3317 MAXIM-MAX3317 Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3317ECAP MAXIM-MAX3317ECAP Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3317ECUP MAXIM-MAX3317ECUP Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3317EEAP MAXIM-MAX3317EEAP Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3317EEUP MAXIM-MAX3317EEUP Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
More results

Similar Description - MAX3317

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3311 MAXIM-MAX3311 Datasheet
189Kb / 7P
   460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
19-1901; Rev 0; 2/01
MAX3160 MAXIM-MAX3160 Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com