Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3317 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3317
Description  2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3317 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3317 Datasheet HTML 1Page - Maxim Integrated Products MAX3317 Datasheet HTML 2Page - Maxim Integrated Products MAX3317 Datasheet HTML 3Page - Maxim Integrated Products MAX3317 Datasheet HTML 4Page - Maxim Integrated Products MAX3317 Datasheet HTML 5Page - Maxim Integrated Products MAX3317 Datasheet HTML 6Page - Maxim Integrated Products MAX3317 Datasheet HTML 7Page - Maxim Integrated Products MAX3317 Datasheet HTML 8Page - Maxim Integrated Products MAX3317 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2.5V, 1µA, 460kbps,
RS-232-Compatible Transceivers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.25V to +3.0V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +2.5V,
TA = +25°C.)
TIMING CHARACTERISTICS
(VCC = +2.25V to +3.0V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +2.5V,
TA = +25°C.)
R_IN to R_OUT, CL = 150pF
RL = 3k
Ω, CL = 1000pF, one transmitter
switching
Normal operation (MAX3317)
Normal operation (MAX3317)
(Note 3)
CONDITIONS
0.175
tPLH
µs
0.175
tPHL
kbps
460
Maximum Data Rate
Receiver Propagation Delay
ns
250
Receiver Output Enable Time
ns
250
Receiver Output Disable Time
ns
100
|tPHL - tPLH|
Transmitter Skew
ns
50
|tPHL - tPLH|
Receiver Skew
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Receiver Positive or Negative
Threshold to INVALID Low
tINVL
30
µs
Receiver or Transmitter Edge to
Transmitters Enabled
tWU
100
µs
Receiver or Transmitter Edge to
Transmitters Shutdown
tAUTO-
SHDN
15
30
60
s
Negative threshold
Figure 4b
Figure 4b (Note 2)
VCC = 2.5V, Figure 4b (Note 2)
Positive threshold
Receiver Input Threshold to
INVALID Output High
2.7
V
-2.7
Receiver Input Threshold to
INVALID Output Low
-0.3
0.3
V
INVALID, READY Output
Voltage Low
0.1
VCC
V
INVALID, READY Output
Voltage High
0.9
VCC
V
Receiver Positive or Negative
Threshold to INVALID High
tINVH
1
µs
Figure 4a
Figure 4a
IOUT = 0.5mA
IOUT = -0.5mA
Figure 4b
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Output Resistance
300
10M
Output Short-Circuit Current
±25
±60
mA
Output Leakage Current
±25
µA
CONDITIONS
VCC = 0, transmitter output = ±2V
VCC = 0 or 2.25V to 3.0V, VOUT = ±12V,
transmitters disabled
AutoShutdown Plus (FORCEON = GND, FORCEOFF = VCC) (MAX3318/MAX3319)


Similar Part No. - MAX3317

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3317 MAXIM-MAX3317 Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3317ECAP MAXIM-MAX3317ECAP Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3317ECUP MAXIM-MAX3317ECUP Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3317EEAP MAXIM-MAX3317EEAP Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3317EEUP MAXIM-MAX3317EEUP Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
More results

Similar Description - MAX3317

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3311 MAXIM-MAX3311 Datasheet
189Kb / 7P
   460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
19-1901; Rev 0; 2/01
MAX3160 MAXIM-MAX3160 Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com