Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2A Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # M2A
Description  SURFACE MOUNT PLASTIC SILICON RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

M2A Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  M2A Datasheet HTML 1Page - HY ELECTRONIC CORP. M2A Datasheet HTML 2Page - HY ELECTRONIC CORP. M2A Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
M1A thru M7A
The curve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 9, 13-Mar-2017
25
50
75
100
125
150
175
1.0
0.8
0.6
0.4
0.2
0
FIG. 1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE ℃
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT RATED PEAK REVERSE VOLTAGE,(%)
1000
100
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
TJ=100°C
TJ=25°C
FIG.2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
30
10
0
20
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG.3-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
10
1.0
0.1
0.01
0
0.2 0.4
0.6 0.8
1.0 1.2 1.4
1.6
1.8
TJ=25°C
PULSE WIDTH 300US
25
50
75
100
125
150
175
1.0
0.8
0.6
0.4
0.2
0
FIG. 1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE ℃
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT RATED PEAK REVERSE VOLTAGE,(%)
1000
100
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
TJ=100°C
TJ=25°C
FIG.2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
30
10
0
20
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG.3-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
10
1.0
0.1
0.01
0
0.2 0.4
0.6 0.8
1.0 1.2 1.4
1.6
1.8
TJ=25°C
PULSE WIDTH 300US


Similar Part No. - M2A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M2A MACOM-M2A Datasheet
328Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2A MA-COM-M2A Datasheet
972Kb / 3P
   Double-Balanced Mixer
logo
HY ELECTRONIC CORP.
M2A HY-M2A Datasheet
309Kb / 3P
   Surface Mount Glass Passivated Rectifiers
logo
List of Unclassifed Man...
M2A1 ETC1-M2A1 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
M2A5 ETC1-M2A5 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
More results

Similar Description - M2A

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
S3A HY-S3A_V01 Datasheet
767Kb / 3P
   Surface Mount Plastic Silicon Rectifiers
M1A HY-M1A Datasheet
36Kb / 2P
   SURFACE MOUNT PLASTIC SILICON RECTIFIERS
M1A HY-M1A_1 Datasheet
79Kb / 2P
   SURFACE MOUNT PLASTIC SILICON RECTIFIERS
S3A HY-S3A_18 Datasheet
195Kb / 3P
   Surface Mount Plastic Silicon Rectifiers
logo
Vishay Siliconix
ESH2B VISHAY-ESH2B Datasheet
359Kb / 4P
   Surface Mount Ultrafast Plastic Rectifiers
17-Oct-05
ESH1B VISHAY-ESH1B Datasheet
101Kb / 4P
   Surface Mount Ultrafast Plastic Rectifiers
Revision: 27-Aug-07
ESH3B VISHAY-ESH3B Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifiers
Revision: 27-Aug-07
logo
SEMTECH ELECTRONICS LTD...
LM4001 SEMTECH_ELEC-LM4001 Datasheet
280Kb / 2P
   SURFACE MOUNT SILICON RECTIFIERS
logo
MIC GROUP RECTIFIERS
G2AF MIC-G2AF Datasheet
85Kb / 3P
   SURFACE MOUNT SILICON RECTIFIERS
logo
Frontier Electronics.
S07A-LFR FRONTIER-S07A-LFR Datasheet
120Kb / 2P
   SURFACE MOUNT SILICON RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com