Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3318CAP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3318CAP
Description  2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3318CAP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3318CAP Datasheet HTML 7Page - Maxim Integrated Products MAX3318CAP Datasheet HTML 8Page - Maxim Integrated Products MAX3318CAP Datasheet HTML 9Page - Maxim Integrated Products MAX3318CAP Datasheet HTML 10Page - Maxim Integrated Products MAX3318CAP Datasheet HTML 11Page - Maxim Integrated Products MAX3318CAP Datasheet HTML 12Page - Maxim Integrated Products MAX3318CAP Datasheet HTML 13Page - Maxim Integrated Products MAX3318CAP Datasheet HTML 14Page - Maxim Integrated Products MAX3318CAP Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
C2, C3, C4, and CBYPASS to maintain proper ratios
(C1 to other capacitors).
When using the minimum-required capacitor values,
make sure the capacitor value does not degrade exces-
sively with temperature. If in doubt, use capacitors with
a higher nominal value. The capacitor’s equivalent
series resistance (ESR), which usually rises at low tem-
peratures, influences the amount of ripple on V+ and V-.
Power-Supply Decoupling
In most circumstances, a 0.1µF bypass capacitor is
adequate. In applications that are sensitive to power-
supply noise, decouple VCC to ground with a capacitor
of the same value as charge pump capacitor C1.
Connect bypass capacitors as close to the IC as possible.
Transmitter Outputs when
Exiting Shutdown
Figure 2 shows two transmitter outputs when exiting
shutdown mode. As they become active, the two trans-
mitter outputs are shown going to opposite RS-232-
compatible levels (one transmitter input is high, the
other is low). Each transmitter is loaded with 3k
Ω in par-
2.5V, 1µA, 460kbps,
RS-232-Compatible Transceivers
______________________________________________________________________________________
11
FORCEON
MASTER SHDN LINE
0.1
µF1MΩ
FORCEOFF
MAX3318
MAX3319
POWER-
MANAGEMENT
UNIT
Figure 5. AutoShutdown Plus Initial Turn-On to Wake Up a
Mouse or Another System
VCC
0
0
V+
V-
VCC
0
INVALID
OUTPUT
READY
OUTPUT
TRANSMITTER
INPUTS
RECEIVER
INPUTS
}
INVALID
REGION
*MAX3318/MAX3319
TRANSMITTER
OUTPUTS
*VCC
tAUTOSHDN
tWU
tWU
tINVL
tINVH
tAUTOSHDN
Figure 4b. AutoShutdown Plus, INVALID, and READY Timing Diagram


Similar Part No. - MAX3318CAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3318CDB TI-MAX3318CDB Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318CDB TI1-MAX3318CDB Datasheet
776Kb / 18P
[Old version datasheet]   TRANSCEIVER WITH ESD PROTECTION
MAX3318CDBE4 TI-MAX3318CDBE4 Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318CDBG4 TI1-MAX3318CDBG4 Datasheet
776Kb / 18P
[Old version datasheet]   TRANSCEIVER WITH ESD PROTECTION
MAX3318CDBR TI-MAX3318CDBR Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - MAX3318CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3311 MAXIM-MAX3311 Datasheet
189Kb / 7P
   460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
19-1901; Rev 0; 2/01
MAX3160 MAXIM-MAX3160 Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com