Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3319CAE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3319CAE
Description  2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3319CAE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3319CAE Datasheet HTML 4Page - Maxim Integrated Products MAX3319CAE Datasheet HTML 5Page - Maxim Integrated Products MAX3319CAE Datasheet HTML 6Page - Maxim Integrated Products MAX3319CAE Datasheet HTML 7Page - Maxim Integrated Products MAX3319CAE Datasheet HTML 8Page - Maxim Integrated Products MAX3319CAE Datasheet HTML 9Page - Maxim Integrated Products MAX3319CAE Datasheet HTML 10Page - Maxim Integrated Products MAX3319CAE Datasheet HTML 11Page - Maxim Integrated Products MAX3319CAE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2.5V, 1µA, 460kbps,
RS-232-Compatible Transceivers
8
_______________________________________________________________________________________
MAX3317 Shutdown Mode
Supply current falls to less than 1µA in shutdown mode
(SHDN = low). When shut down, the device’s charge
pumps are turned off, V+ is pulled down to VCC, V- is
pulled to ground, and the transmitter outputs are disabled
(high impedance). The time required to exit shutdown is
typically 30µs, as shown in Figure 2. Connect SHDN to
VCC if the shutdown mode is not used; SHDN has no
effect on R_OUT.
MAX3318/MAX3319
AutoShutdown Plus Mode
Maxim’s AutoShutdown Plus feature on the MAX3318/
MAX3319 allows the supply current to fall to 1µA. These
devices will enter the AutoShutdown Plus mode if
FORCEOFF is high, FORCEON is low, and they do not
sense a valid signal transition on any receiver or trans-
mitter input for 30 seconds. This may occur if the RS-232
cable is disconnected or if the peripheral transmitters
are turned off, and the UART driving the transmitter
inputs is inactive. The system turns on again when a
valid transition is applied to any RS-232 receiver or
transmitter input. As a result, the system saves power
without changes to the existing BIOS or operating system.
Figure 4a depicts valid and invalid RS-232 receiver volt-
age levels. INVALID indicates the receiver input’s condi-
tion and is independent of FORCEON and FORCEOFF
states. Figure 3 and Table 1 summarize the operating
modes of the MAX3318/MAX3319. FORCEON and
FORCEOFF override AutoShutdown Plus circuitry. When
neither control is asserted, the IC selects between these
states automatically, based on the last receiver or trans-
mitter edge received.
X
X
X
X
VALID RECEIVER
LEVEL
Active
Active
Active
Active
R_OUT
No
Yes
X
X
RECEIVER OR
TRANSMITTER
EDGE WITHIN
30s
High-Z
Active
Active
High-Z
T_OUT
Shutdown
(AutoShutdown Plus)
0
1
Normal Operation
(AutoShutdown Plus)
0
1
Normal Operation
(Forced On)
1
1
Shutdown (Forced
Off)
X
0
OPERATION
STATUS
FORCEON
FORCEOFF
No
Yes
No
X
Yes
Active
Active
Active
Active
Active
X
X
No
Yes
X
High-Z
Active
High-Z
Active
Active
Shutdown
(AutoShutdown)
INVALID**
INVALID**
Normal Operation
(AutoShutdown)
INVALID**
INVALID**
Shutdown
INVALID*
1
Normal Operation
INVALID*
1
Normal Operation
INVALID*
1
Table 1. Output Control Truth Table (MAX3318/MAX3319)
Table 2. Shutdown and Enable Control
Truth Table (MAX3317)
X = Don’t care
*INVALID connected to FORCEON
**INVALID connected to FORCEON and FORCEOFF
SHDN
EN
T_OUT
R_OUT
0
0
High-Z
Active
0
1
High-Z
High-Z
1
0
Active
Active
1
1
Active
High-Z


Similar Part No. - MAX3319CAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3319ECAE MAXIM-MAX3319ECAE Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3319EEAE MAXIM-MAX3319EEAE Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
More results

Similar Description - MAX3319CAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3311 MAXIM-MAX3311 Datasheet
189Kb / 7P
   460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
19-1901; Rev 0; 2/01
MAX3160 MAXIM-MAX3160 Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com