Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1545S_AY_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB1545S_AY_00001
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1545S_AY_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB1545S_AY_00001 Datasheet HTML 1Page - Pan Jit International Inc. SB1545S_AY_00001 Datasheet HTML 2Page - Pan Jit International Inc. SB1545S_AY_00001 Datasheet HTML 3Page - Pan Jit International Inc. SB1545S_AY_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
August 19,2014-REV.00
SB1545S
SCHOTTKY RECTIFIER
VOLTAGE
45 Volt
15 Ampere
FEATURES
• Low power loss
• High efficiency operation
• Lead free in compliance with EU RoHS 2011/65/EU directive
MECHANICAL DATA
Case : P-600 molded plastic
Terminals : Axial leads,solderable per MIL-STD-750, Method 2026
Marking : Part number
Polarity : Color band denotes cathode end
Weight: 0.0719 ounces, 2.04 grams.
CURRENT
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
Note : 1. The testing condition of the thermal resistance (junction to lead) is based on 10 mm lead length between two 10cm x 10cm x
0.5mm copper pad
2.Meets the bypass diode thermal test required by IEC 61215 ed. 2
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
VBR
I R=0.5mA
TJ=25oC45
-
-
V
Instantaneous forward voltage
VF
I F=1A
I F=5A
I F=15A
TJ=25oC
-
-
-
0.31
0.37
0.43
-
-
0.5
V
I F=1A
I F=5A
TJ=125oC
-
-
0.18
0.26
-
-
V
Reverse current
I R
VR=36V
TJ=25oC-
80
-
μA
VR=45V
TJ=25oC
TJ=125oC
-
-
-
55
200
-
μA
mA
1
2
Cathode
Anode
PARAMETER
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
V
Maximum rms voltage
VRMS
32
V
Maximum dc blocking voltage
VR
45
V
Maximum average forward rectified current
I F(AV)
15
A
Peak forward surge current : 8.3ms single half sine-wave
superimposed on rated load
I FSM
275
A
Typical thermal resistance
(Note 1)
RΘJL
20
O C/ W
Operating junction temperature range
TJ
-55 to + 150
oC
Storage temperature range
TSTG
-55 to + 150
oC
Junction temperature in DC forward current without
reverse bias, t < 1 h
(Note 2)
TJ
200
oC
0.052(1.3)
0.048(1.2)
0.360(9.1)
0.340(8.6)


Similar Part No. - SB1545S_AY_00001

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB1545S SEMIKRON-SB1545S Datasheet
161Kb / 3P
   Schottky barrier rectifier diodes
More results

Similar Description - SB1545S_AY_00001

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com