Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHA106M35C12T-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AHA106M35C12T-F
Description  Long Life Filtering, Bypassing, Power Supply Decoupling
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHA106M35C12T-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AHA106M35C12T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AHA106M35C12T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AHA106M35C12T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AHA106M35C12T-F Datasheet HTML 4Page - Cornell Dubilier Electronics AHA106M35C12T-F Datasheet HTML 5Page - Cornell Dubilier Electronics AHA106M35C12T-F Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Type AHA
SMT Aluminum Electrolytic Capacitors -55 °C to +105 °C - Long Life
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Long Life Filtering, Bypassing, Power Supply Decoupling
Type AHA Capacitors deliver twice the life of many
SMT aluminum capacitor types, and they handle
high levels of ripple current. The AHA can handle the
ripple current of Type AVS at 20 °C higher tempera-
ture. The vertical cylindrical cases facilitate automatic
mounting and reflow soldering and Type AHA offers a
significant cost savings over tantalum capacitors.
+105 °C, Up to 2000 Hour Load Life
Capacitance Range: 0.1 µF to 1500 µF
Voltage Range: 6.3 Vdc to 100 Vdc
Highlights
OperatingTemperature:
Rated Voltage:
Capacitance:
D.F. (@ 20 °C):
Capacitance Tolerance:
Leakage Current:
Ripple Current Multipliers:
Specifications
−55 °C to +105 °C
6.3, 10, 16, 25, 35, 50, 63 & 100 Vdc
0.1 µF to 1500 µF
See Ratings Table
20% @ 120 Hz and +20 °C
0.01 CV or 3 µA @ +20°C after two minutes (whichever is greater)
Frequency
50/60 Hz
120 Hz 1 kHz
10 kHz & up
0.7
1
1.3
1.7
Load Life: 1000 h @ +105 °C, 4.0 - 6.3 mm dia.
2000 h @ +105 °C, 8.0 - 10.0 mm dia.
∆ Capacitance ±20%
DF: < 200% of limit
DCL: ≤100% of limit
Shelf Life: 1000 h @ +105 °C
∆ Capacitance ±20%
DF: < 200% of limit
DCL: ≤100% of limit
Maximum Impedance Ratio at 120 Hz
W.V. Vdc
6.3
10
16
25
35
50
63
100
–25 °C /+20 °C
4
3
2
2
2
2
3
3
–40 °C /+20 °C
8
6
4
4
3
3
4
4
AHA Series Marking
Outline Drawing
Indicator for lead
free product
(black square)


Similar Part No. - AHA106M35C12T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHA106M35C12T-F CDE-AHA106M35C12T-F Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
More results

Similar Description - AHA106M35C12T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHA CDE-AHA_17 Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AFK687M63R44T-F CDE-AFK687M63R44T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK_V CDE-AFK_V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK CDE-AFK_18 Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK-V CDE-AFK-V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK477M25G24T-F CDE-AFK477M25G24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK107M50F24T-F CDE-AFK107M50F24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFC CDE-AFC_17 Datasheet
726Kb / 4P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AVS CDE-AVS Datasheet
206Kb / 6P
   General Purpose Filtering, Bypassing, Power Supply Decoupling
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com