Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1223 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CM1223
Description  Capacitance ESD Protection Arrays with Backdrive Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1223 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CM1223_12 Datasheet HTML 2Page - ON Semiconductor CM1223_12 Datasheet HTML 3Page - ON Semiconductor CM1223_12 Datasheet HTML 4Page - ON Semiconductor CM1223_12 Datasheet HTML 5Page - ON Semiconductor CM1223_12 Datasheet HTML 6Page - ON Semiconductor CM1223_12 Datasheet HTML 7Page - ON Semiconductor CM1223_12 Datasheet HTML 8Page - ON Semiconductor CM1223_12 Datasheet HTML 9Page - ON Semiconductor CM1223_12 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CM1223
http://onsemi.com
6
PERFORMANCE INFORMATION (Cont’d)
Typical Filter Performance (nominal conditions unless specified otherwise, 50 Ohm Environment)
Figure 1. Insertion Loss (S21) vs. Frequency (0 V DC Bias, VP=3.3 V, MSOP−10 Package)
Figure 2. Insertion Loss (S21) vs. Frequency (2.5 V DC Bias, VP=3.3 V, MSOP−10 Package)


Similar Part No. - CM1223_12

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1223-02SO CALMIRCO-CM1223-02SO Datasheet
626Kb / 13P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
logo
ON Semiconductor
CM1223-02SO ONSEMI-CM1223-02SO Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
logo
California Micro Device...
CM1223-02SR CALMIRCO-CM1223-02SR Datasheet
626Kb / 13P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
logo
ON Semiconductor
CM1223-02SR ONSEMI-CM1223-02SR Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
logo
California Micro Device...
CM1223-02SS CALMIRCO-CM1223-02SS Datasheet
626Kb / 13P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
More results

Similar Description - CM1223_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
logo
California Micro Device...
CM1223 CALMIRCO-CM1223 Datasheet
626Kb / 13P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
logo
ON Semiconductor
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
logo
ON Semiconductor
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
STMicroelectronics
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
   Low capacitance Transil??arrays for ESD protection
logo
Pan Jit International I...
PJESD5V6LC-4 PANJIT-PJESD5V6LC-4 Datasheet
262Kb / 4P
   Low capacitance TVS arrays for ESD protection
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
STMicroelectronics
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
   Low capacitance Transil arrays for ESD protection
March 2011 Rev 2
logo
Pan Jit International I...
PJESD5V6LC-2W PANJIT-PJESD5V6LC-2W Datasheet
167Kb / 3P
   Low capacitance TVS arrays for ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com