Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1230 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CM1230
Description  Low-Capacitance ESD Protection Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1230 Datasheet(HTML) 6 Page - ON Semiconductor

  CM1230 Datasheet HTML 1Page - ON Semiconductor CM1230 Datasheet HTML 2Page - ON Semiconductor CM1230 Datasheet HTML 3Page - ON Semiconductor CM1230 Datasheet HTML 4Page - ON Semiconductor CM1230 Datasheet HTML 5Page - ON Semiconductor CM1230 Datasheet HTML 6Page - ON Semiconductor CM1230 Datasheet HTML 7Page - ON Semiconductor CM1230 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CM1230
http://onsemi.com
6
APPLICATION INFORMATION
Table 5. PRINTED CIRCUIT BOARD RECOMMENDATIONS
Parameter
Value
Pad Size on PCB
0.275 mm
Pad Shape
Round
Pad Definition
Non−Solder Mask defined pads
Solder Mask Opening
0.325 mm Round
Solder Stencil Thickness
0.125 − 0.150 mm
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
0.330 mm Round
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance − Edge To Corner Ball
±50 mm
Solder Ball Side Coplanarity
±20 mm
Maximum Dwell Time Above Liquidous
60 seconds
Maximum Soldering Temperature for Lead−free Devices using a Lead−free Solder Paste
260°C
Non−Solder Mask Defined Pad
0.275 mm DIA.
Solder Stencil Opening
0.330 mm DIA.
Solder Mask Opening
0.325 mm DIA.
Figure 5. Recommended Non−Solder Mask Defined Pad Illustration
Figure 6. Lead−free (SnAgCu) Solder Ball Reflow Profile


Similar Part No. - CM1230

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1230 CALMIRCO-CM1230 Datasheet
352Kb / 11P
   2, 4 and 8-Channel Low Capacitance ESD Protection Array
logo
Chicago Miniature Lamp,...
CM1230 CML-CM1230 Datasheet
218Kb / 1P
   RP-11 Single Contact Bayonet Base
logo
ON Semiconductor
CM1230 ONSEMI-CM1230 Datasheet
325Kb / 16P
   2, 4, and 8-Channel Low-Capacitance ESD Protection Array
May 2010 ??Rev. 2
logo
Visual Communications C...
CM1230 VCC-CM1230 Datasheet
32Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM1230-02 CALMIRCO-CM1230-02 Datasheet
352Kb / 11P
   2, 4 and 8-Channel Low Capacitance ESD Protection Array
More results

Similar Description - CM1230

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
   Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
   Low Capacitance ESD protection array
2009-08-20
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
   Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
286Kb / 8P
   Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
   Low Capacitance ESD Protection Array
logo
Comchip Technology
ACPDVR105V0USP-HF COMCHIP-ACPDVR105V0USP-HF Datasheet
121Kb / 4P
   Low Capacitance ESD Protection Array
ACSRS065V0P COMCHIP-ACSRS065V0P Datasheet
303Kb / 5P
   Low Capacitance ESD Protection Array
CPDVR105V0USP-HF COMCHIP-CPDVR105V0USP-HF Datasheet
373Kb / 4P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
   Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com