Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1293A-04MR Datasheet(PDF) 3 Page - ON Semiconductor

Part # CM1293A-04MR
Description  Low Capacitance ESD Protection Arrays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1293A-04MR Datasheet(HTML) 3 Page - ON Semiconductor

  CM1293A-04MR Datasheet HTML 1Page - ON Semiconductor CM1293A-04MR Datasheet HTML 2Page - ON Semiconductor CM1293A-04MR Datasheet HTML 3Page - ON Semiconductor CM1293A-04MR Datasheet HTML 4Page - ON Semiconductor CM1293A-04MR Datasheet HTML 5Page - ON Semiconductor CM1293A-04MR Datasheet HTML 6Page - ON Semiconductor CM1293A-04MR Datasheet HTML 7Page - ON Semiconductor CM1293A-04MR Datasheet HTML 8Page - ON Semiconductor CM1293A-04MR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CM1293A
http://onsemi.com
3
SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Operating Supply Voltage (VP − VN)
6.0
V
Operating Temperature Range
–40 to +85
°C
Storage Temperature Range
–65 to +150
°C
DC Voltage at any Channel Input
(VN − 0.5) to (VP + 0.5)
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. STANDARD OPERATING CONDITIONS
Parameter
Rating
Units
Operating Temperature Range
–40 to +85
°C
Package Power Rating
SOT143−4 Package (CM1293A−02SR)
SC−74 Package (CM1293A−02SO)
MSOP−10 Package (CM1293A−04MR)
225
225
400
mW
Table 4. ELECTRICAL OPERATING CHARACTERISTICS (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VP
Operating Supply Voltage (VP−VN)
3.3
5.5
V
IP
Operating Supply Current
(VP−VN) = 3.3 V
8.0
mA
VF
Diode Forward Voltage
Top Diode
Bottom Diode
IF = 8 mA, TA = 25°C
0.60
0.60
0.80
0.80
0.95
0.95
V
ILEAK
Channel Leakage Current
TA = 25°C, VP = 5 V, VN = 0 V
±0.1
±1.0
mA
CIN
Channel Input Capacitance
At 1 MHz, VP = 3.3 V, VN = 0 V, VIN = 1.65 V
2.0
pF
DCIO
Channel I/O to I/O Capacitance
1.5
pF
VESD
ESD Protection − Peak Discharge
Voltage at any Channel Input, in System
Contact Discharge per
IEC 61000−4−2 Standard
Human Body Model, MIL−STD−883,
Method 3015
TA = 25°C (Notes 2 and 4)
TA = 25°C (Notes 3 and 4)
±8
±15
kV
VCL
Channel Clamp Voltage
Positive Transients
Negative Transients
TA = 25°C, IPP = 1A, tP = 8/20 mS
(Note 4)
+9.9
–1.6
V
RDYN
Dynamic Resistance
Positive Transients
Negative Transients
TA = 25°C, IPP = 1A, tP = 8/20 mS
(Note 4)
0.96
0.5
W
1. All parameters specified at TA = –40°C to +85°C unless otherwise noted.
2. Standard IEC 61000−4−2 with CDischarge = 150 pF, RDischarge = 330 W, VP = 3.3 V, VN grounded.
3. Human Body Model per MIL−STD−883, Method 3015, CDischarge = 100 pF, RDischarge = 1.5 kW, VP = 3.3 V, VN grounded.
4. These measurements performed with no external capacitor on VP.


Similar Part No. - CM1293A-04MR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1293A-04MR ONSEMI-CM1293A-04MR Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
More results

Similar Description - CM1293A-04MR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
STMicroelectronics
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
   Low capacitance Transil??arrays for ESD protection
logo
Pan Jit International I...
PJESD5V6LC-4 PANJIT-PJESD5V6LC-4 Datasheet
262Kb / 4P
   Low capacitance TVS arrays for ESD protection
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
STMicroelectronics
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
   Low capacitance Transil arrays for ESD protection
March 2011 Rev 2
logo
Pan Jit International I...
PJESD5V6LC-2W PANJIT-PJESD5V6LC-2W Datasheet
167Kb / 3P
   Low capacitance TVS arrays for ESD protection
logo
ON Semiconductor
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
logo
NXP Semiconductors
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Pan Jit International I...
PJESD5V0QL4G PANJIT-PJESD5V0QL4G Datasheet
51Kb / 3P
   LOW CAPACITANCE TVS/ZENER ARRAYS FOR ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com