Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSX271M02R Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SPSX271M02R
Description  Offered on tape and reel
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SPSX271M02R Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SPSX271M02R Datasheet HTML 1Page - Cornell Dubilier Electronics SPSX271M02R Datasheet HTML 2Page - Cornell Dubilier Electronics SPSX271M02R Datasheet HTML 3Page - Cornell Dubilier Electronics SPSX271M02R Datasheet HTML 4Page - Cornell Dubilier Electronics SPSX271M02R Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Type SPSX Solid Polymer Aluminum SMT Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Reflow Soldering Profile
Time (Seconds)
Temperature on Surface of Capacitor
Time (Seconds)
Time At or Above 230 ºC
Peak Temp.
Time in 230 ºC or more
260 ºC, 10 s max.
40 s max.
250 ºC, 10 s max.
60 s max.
Time (Seconds)
260 ºC
--------------
230 ºC
--------------------------------------------
Time at or
above 230 ºC
Maximum of 10 seconds
at Peak Temperature
120 seconds max.


Similar Part No. - SPSX271M02R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SPSXF001PET ONSEMI-SPSXF001PET Datasheet
130Kb / 6P
   Smart Passive Sensor for Indirect Moisture Sensing
March, 2019 ??Rev. 1
SPSXM001FOM ONSEMI-SPSXM001FOM Datasheet
113Kb / 6P
   Smart Passive Sensor for Direct Moisture Sensing
March, 2019 ??Rev. 0
SPSXM002PET ONSEMI-SPSXM002PET Datasheet
123Kb / 6P
   Smart Passive Sensor for Direct Moisture Sensing
March, 2019 ??Rev. 1
SPSXT001FOM ONSEMI-SPSXT001FOM Datasheet
191Kb / 8P
   Smart Passive Sensor for Temperature Sensing
January, 2020 ??Rev. 0
SPSXT001PCB ONSEMI-SPSXT001PCB Datasheet
100Kb / 5P
   Smart Passive Sensor for Temperature Sensing
March, 2019 ??Rev. P1
More results

Similar Description - SPSX271M02R

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SPCX CDE-SPCX Datasheet
664Kb / 5P
   Offered on tape and reel
logo
M/A-COM Technology Solu...
MABA-011016 MA-COM-MABA-011016 Datasheet
665Kb / 5P
   Available on tape and reel
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
   Available on Tape and Reel
MACP-011037 MA-COM-MACP-011037 Datasheet
552Kb / 5P
   Available on Tape and Reel
logo
SunLED Corporation
XLCBD12W SUNLED-XLCBD12W Datasheet
231Kb / 3P
   Available on tape and reel
XLFBB12W SUNLED-XLFBB12W Datasheet
230Kb / 3P
   Available on tape and reel
XLFBB14W SUNLED-XLFBB14W Datasheet
229Kb / 3P
   Available on tape and reel
XLM2DG169W SUNLED-XLM2DG169W Datasheet
229Kb / 3P
   Available on tape and reel
logo
Keystone Electronics Co...
118TR KEYSTONE-118TR Datasheet
303Kb / 2P
   CONTACT ON TAPE AND REEL
6.23.15
logo
M/A-COM Technology Solu...
MAPD-011027 MA-COM-MAPD-011027 Datasheet
720Kb / 4P
   Available on tape and reel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com