Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCRN253R-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SCRN253R-F
Description  Type SCRN Film-Paper/Extended Foil Commutating Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SCRN253R-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SCRN253R-F Datasheet HTML 1Page - Cornell Dubilier Electronics SCRN253R-F Datasheet HTML 2Page - Cornell Dubilier Electronics SCRN253R-F Datasheet HTML 3Page - Cornell Dubilier Electronics SCRN253R-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
How to Choose a Commutating Capacitor
1. From circuit analysis or measurement, determine application values
for these six parameters:
Nominal capacitance in µF
Current pulse width in µs
Current pulse period in µs
Maximum peak voltage
Continuous AC voltage in Vrms
Maximum volt-amps (VA)
2. Choose a capacitor from the ratings table of the desired nominal
capacitance with a peak voltage rating no less than your maximum
peak voltage.
3. Check that your application’s rms current is no more than the capacitor’s
Max. Amps RMS. You can calculate the current from your Vrms using the
equations in the following section.
4. Check that your application’s volt-amperes is not more than the
capacitor’s VA capability. The VA capability is the max VA rating times
the Volt-Ampere multiplier from Figure 2 (Current Pulse Width) and that
times the Volt-Ampere Multiplier from Figure 3 (Ambient Temperature).
See the following section for more on using volt-ampere multipliers.
If you need a greater VA capability, repeat these steps for a higher peak
voltage capacitor or consider connecting units in parallel to divide the
VA required. For up to peak voltage of 600 V, you may also consider
polypropylene film dielectric units, Catalog Numbers SCRN262R through
SCRN266R, with higher VA capability.
Using Volt-Ampere Ratings
The capacitors maximum VA rating is the maximum product of the
sine wave voltage and current that may be applied at 65 ºC without
overheating the capacitor and reducing its expected life. For other
temperatures and pulsed current, use the multipliers of Figures 2 and 3
to derate the Max VA rating.
The Max Amps RMS rating is set by the capability of the capacitor
terminals. Exceeding this limit can damage the terminals and cause
capacitor failure.
Calculate the capacitor’s actualVA load as the product of the rms voltage
across the capacitor and the rms current through the capacitor. To
calculate rms current for an applied sine wave or squarewave voltage,
use these equations.
For a sinewave voltage the current is:
Irms = 2π fCVrmsX10-6
and for a squarewave the current is:
Irms = C∆V/[0.64(tT)0.5] = Ipeak(t/T)0.5
where (f) is repetition frequency in Hz, C is nominal capacitance in µF, ∆V
the peak-to-peak squarewave amplitude in volts, (t) is the pulse width in
µs and T is the pulse period in µs.
The peak current for the square wave voltage is:
Ipeak = C∆V/0.64t
Figure 1
Pulse Wave Applications
V peak
ΔV
Voltage
I peak
Current
Application Guide
Type SCR, Commutating Capacitors
Type SCRN Film-Paper/Extended Foil Commutating Capacitor
T


Similar Part No. - SCRN253R-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SCRN253R-F CDE-SCRN253R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
More results

Similar Description - SCRN253R-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
Exxelia Group
132P EXXELIA-132P Datasheet
1Mb / 8P
   Paper / Polyester Dielectric Extended Foil Electrodes
131P EXXELIA-131P Datasheet
1Mb / 8P
   Paper / Polyester Dielectric Extended Foil Electrodes
logo
Vishay Siliconix
131P VISHAY-131P Datasheet
70Kb / 2P
   Film Snubber Capacitors Metal-Case, Paper/Polyester, Dielectric Extended Foil Electrodes
Revision 17-Nov-03
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
CQ92M ETC2-CQ92M Datasheet
52Kb / 3P
   ??Polyester film/foil capacitor
PHE448 ETC-PHE448 Datasheet
55Kb / 2P
   Pulse capacitor, polypropylene film/foil
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com