Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAC335K010P01-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # TAC335K010P01-F
Description  Molded, Axial Lead, Solid Tantalum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAC335K010P01-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  TAC335K010P01-F Datasheet HTML 1Page - Cornell Dubilier Electronics TAC335K010P01-F Datasheet HTML 2Page - Cornell Dubilier Electronics TAC335K010P01-F Datasheet HTML 3Page - Cornell Dubilier Electronics TAC335K010P01-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type TAC Solid Tantalum Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Ratings
CDE reserves the right to substitute a tighter tolerance, higher voltage capacitor within the same case size.
Max
Max
Catalog
Case
DCL
DF %
Cap
Part Number
Code @ +25 ºC @ +25 ºC
(µF)
(µA)
120 Hz
15 WVdc @ 85 ºC
10 WVdc @ 125 ºC
68
7
8.2
6
82
TAC686K015P07-F
TAC826K015P07-F
7
9.8
8
100
TAC107K015P07-F
7
10.0
8
120
TAC127K015P08-F
8
10.0
8
150
TAC157K015P08-F
8
10.0
8
20 WVdc @ 85 ºC
13 WVdc @ 125 ºC
1
1
0.5
4
1.2
1
0.5
4
1.5
1
0.5
4
1.8
2
0.5
4
2.2
TAC105K020P01-F
TAC125K020P01-F
TAC155K020P01-F
TAC185K020P02-F
TAC225K020P02-F
2
0.5
4
2.7
2
0.5
4
3.3
2
0.5
4
3.9
2
0.6
4
4.7
2
0.8
4
5.6
TAC275K020P02-F
TAC335K020P02-F
TAC395K020P02-F
TAC475K020P02-F
TAC565K020P05-F
5
0.9
4
6.8
5
1.1
6
8.2
5
1.3
6
10
5
1.6
6
12
6
1.9
6
15
TAC685K020P05-F
TAC825K020P05-F
TAC106K020P05-F
TAC126K020P06-F
TAC156K020P06-F
6
2.4
6
18
6
2.9
6
22
6
3.5
6
27
7
4.3
6
33
7
5.0
6
39
TAC186K020P06-F
TAC226K020P06-F
TAC276K020P07-F
TAC336K020P07-F
TAC396K020P07-F
7
6.2
6
47
7
7.5
6
56
7
8.9
6
68
7
10.0
6
82
TAC476K020P07-F
TAC566K020P07-F
TAC686K020P07-F
TAC826K020P08-F
8
10.0
8
100
TAC107K020P08-F
8
10.0
8
25 WVdc @ 85 ºC
17 WVdc @ 125 ºC
0.47
TAC474K025P01-F- 1
0.5
3
0.56
TAC564K025P01-F
1
0.5
3
0.68
TAC684K025P01-F
1
0.5
3
0.82
1
0.5
3
1.0
TAC824K025P01-F
TAC105K025P01-F
1
0.5
3
1.2
2
0.5
3
1.5
2
0.5
3
1.8
2
0.5
3
2.2
2
0.5
3
2.7
TAC125K025P02-F
TAC155K025P02-F
TAC185K025P02-F
TAC225K025P02-F
TAC275K025P02-F
2
0.5
3
Max
Max
Catalog
Case
DCL
DF %
Cap
Part Number
Code @ +25 ºC @ +25 ºC
(µF)
(µA)
120 Hz
25 WVdc @ 85 ºC
17 WVdc @ 125 ºC
3.3
2
0.7
3
3.9
5
0.8
3
4.7
5
0.9
4
5.6
5
1.1
4
6.8
TAC335K025P02-F
TAC395K025P05-F
TAC475K025P05-F
TAC565K025P05-F
TAC685K025P05-F
5
1.4
4
8.2
5
1.5
4
10
5
1.5
4
12
6
2.4
4
15
6
3.0
4
18
TAC825K025P05-F
TAC106K025P05-F
TAC126K025P06-F
TAC156K025P06-F
TAC186K025P07-F
7
3.6
6
22
7
4.4
6
27
7
5.4
6
33
7
6.6
6
39
7
7.8
6
47
TAC226K025P07-F
TAC276K025P07-F
TAC336K025P07-F
TAC396K025P07-F
TAC476K025P07-F
7
9.4
6
56
8
10
6
68
TAC566K025P08-F
TAC686K025P08-F
8
10
6
35 WVdc @ 85 ºC
23 WVdc @ 125 ºC
0.10
1
0.5
3
0.12
1
0.5
3
0.15
1
0.5
3
0.18
1
0.5
3
0.22
TAC104K035P01-F
TAC124K035P01-F
TAC154K035P01-F
TAC184K035P01-F
TAC224K035P01-F
1
0.5
3
0.27
1
0.5
3
0.33
1
0.5
3
0.39
1
0.5
3
0.47
1
0.5
3
0.56
TAC274K035P01-F
TAC334K035P01-F
TAC394K035P01-F
TAC474K035P01-F
TAC564K035P02-F
2
0.5
3
0.68
2
0.5
3
0.82
2
0.5
3
1.0
2
0.5
3
1.2
2
0.5
3
1.5
TAC684K035P02-F
TAC824K035P02-F
TAC105K035P02-F
TAC125K035P02-F
TAC155K035P02-F
2
0.5
3
1.8
5
0.5
3
2.2
5
0.6
3
2.7
5
0.8
3
3.3
5
0.9
4
3.9
TAC185K035P05-F
TAC225K035P05-F
TAC275K035P05-F
TAC335K035P05-F
TAC395K035P05-F
5
1.1
4
4.7
5
1.3
4
5.6
6
1.6
4
6.8
6
1.9
4
8.2
6
2.3
4
10
TAC475K035P05-F
TAC565K035P06-F
TAC685K035P06-F
TAC825K035P06-F
TAC106K035P06-F
6
2.8
4


Similar Part No. - TAC335K010P01-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
More results

Similar Description - TAC335K010P01-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TIM226006P0X CDE-TIM226006P0X Datasheet
196Kb / 4P
   Molded, Radial Lead, Solid Tantalum Capacitors
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Vishay Siliconix
292D VISHAY-292D Datasheet
122Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® Lead Frameless Molded
Revision: 05-Mar-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com