Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER1601 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # HER1601
Description  16.0 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

HER1601 Datasheet(HTML) 1 Page - Nanjing International Group Co

  HER1601 Datasheet HTML 1Page - Nanjing International Group Co HER1601 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER1601
HER1606
THRU
16.0 AMP HIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Tc=25 C
at Rated DC Blocking Voltage
Tc=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
16.0
1.0
1.3
200
10.0
200
60
100
65
-55
+150
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
V
HER1601 HER1602 HER1603 HER1604 HER1605 HER1606
UNITS
50
100
200
300
400
600
50
100
200
300
400
600
35
70
140
210
280
420
V
V
1.85
* High speed switching
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
VOLTAGE RANGE
50 to 600 Volts
CURRENT
16.0 Ampere
TO-220
Dimensions in inches and (millimeters)
.412
.248
.180
.050
.120
.158
.595
.550
.100
.051
.040
.108
(10.5)
(6.3)
(4.6)
(1.27)
(3.05)
(4.0)
(15.1)
(14.0)
(2.54)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.8 +.2
HOLE THRU
φ
+
PIN 1
PIN 1
PIN 3
PIN 3
PIN 2
PIN 2
CASE
CASE
Positive CT
Suffix "C"
Negative CT
Suffix "A"
Operating and Storage Temperature Range T , T
J
STG
A
A
V
µA
µA
nS
pF
C
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - HER1601

ManufacturerPart #DatasheetDescription
logo
Bytes
HER1601 BYTES-HER1601 Datasheet
161Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1601 DGNJDZ-HER1601 Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Dc Components
HER1601 DCCOM-HER1601 Datasheet
524Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER1601 DGNJDZ-HER1601 Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER1601 FORMOSA-HER1601 Datasheet
38Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER1601

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
HER1601CT GWSEMI-HER1601CT Datasheet
72Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
HERF1601CT GWSEMI-HERF1601CT Datasheet
74Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1602-2C16A-2CTO-220AB DGNJDZ-HER1602-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER1601 BYTES-HER1601 Datasheet
161Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1604-2C16A-2CTO-220AB DGNJDZ-HER1604-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER1601 UNIOHM-HER1601 Datasheet
71Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1601-2C16A-2CTO-220AB DGNJDZ-HER1601-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
HER1601 DGNJDZ-HER1601 Datasheet
180Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER1601 FORMOSA-HER1601 Datasheet
38Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1603-2C16A-2CTO-220AB DGNJDZ-HER1603-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com