Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THF126K050P1F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # THF126K050P1F
Description  Hermetically Sealed Axial Lead Solid Tantalum Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

THF126K050P1F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  THF126K050P1F Datasheet HTML 1Page - Cornell Dubilier Electronics THF126K050P1F Datasheet HTML 2Page - Cornell Dubilier Electronics THF126K050P1F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type THF Solid Tantalum Capacitors
Ratings
Max
Max
Max
Max Ripple
Catalog
Case
DCL
DF %
ESR (ohms)
RMS Amps
Cap
Part Number
Code
@ +25 ºC
@ +25 ºC
@ +25 ºC
@ 40 kHz
(µF)
(µA)
1 kz
100 kHz
+25ºC
6 WVdc @ 85 ºC
4 WVdc @ 125 ºC
150
THF157K006P1F
F
4.5
10
0.065
3.3
180
THF187K006P1F
F
5.5
10
0.060
3.4
270
THF277K006P1G
G
6.5
10
0.050
4.1
330
THF337K006P1G
G
7.5
12
0.045
4.3
10 WVdc @ 85 ºC
7 WVdc @ 125 ºC
82
THF826K010P1F
F
4
8
0.085
2.9
100
THF107K010P1F
F
5
8
0.075
3.0
120
THF127K010P1F
F
6
8
0.070
3.2
180
THF187K010P1G
G
9
8
0.060
3.7
220
THF227K010P1G
G
10
10
0.055
3.9
15 WVdc @ 85 ºC
10 WVdc @ 125 ºC
56
THF566K015P1F
F
4
6
0.100
2.6
68
THF686K015P1F
F
5
6
0.095
2.7
120
THF127K015P1G
G
9
8
0.070
3.5
150
THF157K015P1G
G
10
8
0.065
3.6
20 WVdc @ 85 ºC
13 WVdc @ 125 ºC
27
THF276K020P1F
F
2.5
5
0.145
2.2
33
THF336K020P1F
F
3.5
5
0.130
2.3
39
THF396K020P1F
F
4.0
5
0.120
2.4
47
THF476K020P1F
F
4.5
6
0.110
2.5
56
THF566K020P1G
G
5.5
6
0.100
2.9
68
THF686K020P1G
G
7.0
6
0.095
3.0
82
THF826K020P1G
G
8.0
6
0.085
3.1
100
THF107K020P1G
G
10.0
8
0.075
3.3
35 WVdc @ 85 ºC
23 WVdc @ 125 ºC
10
THF106K035P1F
F
4.0
4
0.161
1.5
22
THF226K035P1F
F
4.0
4
0.160
2.1
27
THF276K035P1G
G
4.5
4
0.145
2.4
33
THF336K035P1G
G
5.5
5
0.130
2.5
39
THF396K035P1G
G
7.0
5
0.120
2.6
47
THF476K035P1G
G
8.0
5
0.110
2.7
50 WVdc @ 85 ºC
33 WVdc @ 125 ºC
5.6
THF565K050P1F
F
2.2
3
0.300
1.5
6.8
THF685K050P1F
F
2.2
3
0.275
1.6
8.2
THF825K050P1F
F
2.5
3
0.250
1.6
10.0
THF106K050P1F
F
2.5
3
0.230
1.7
12.0
THF126K050P1F
F
3.0
3
0.210
1.8
15.0
THF156K050P1F
F
4.0
3
0.190
1.9
18.0
THF186K050P1F
F
4.5
4
0.175
2.0
22.0
THF226K050P1G
G
5.5
4
0.160
2.3


Similar Part No. - THF126K050P1F

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
THF120LS12 XPPOWER-THF120LS12 Datasheet
449Kb / 4P
   AC-DC Power Supplies
THF120LS24 XPPOWER-THF120LS24 Datasheet
449Kb / 4P
   AC-DC Power Supplies
THF120LS48 XPPOWER-THF120LS48 Datasheet
449Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - THF126K050P1F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
TAC CDE-TAC Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com