Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBR40-350A Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # WBR40-350A
Description  High vibration resistance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

WBR40-350A Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  WBR40-350A Datasheet HTML 1Page - Cornell Dubilier Electronics WBR40-350A Datasheet HTML 2Page - Cornell Dubilier Electronics WBR40-350A Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type WBR 85 ºC, Industrial Grade, Axial Leaded, Aluminum
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
85 ºC, Industrial Grade
Type WBR capacitors are the preferred choice for
many varied industrial applications because they have
high capacitance and extended life characteristics. The
rugged construction delivers the high vibration resis-
tance required in industrial applications
• High capacitance
• Extended life
• Rugged construction
• High vibration resistance
Highlights
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Leakage Current:
Ripple Current Multipliers:
1.0 to 5,000 µF
16 to 450 Vdc
16 to 50 Vdc -10 + 150%, 75 to 350 Vdc
–10 + 100%, 450 Vdc –10 + 50%
–40 ºC +85ºC
16-75 Vdc ≤ 0.01CV + 10 µA
150-450 Vdc ≤ 0.03CV + 20 µ
A
45 ºC 55 ºC 65 ºC
75 ºC 85 ºC
95 ºC 105 ºC
1.50
1.46
1.32
1.17
1.00
0.79
0.50
Ambient Temperature
Frequency
60 Hz 120 Hz 400 Hz 1000 Hz 10 kHz 50 kHz 100 kHz
0-60 Vdc
0.85
1.00
1.10
1.15
1.15
1.15
1.15
61-200 Vdc 0.83
1.00
1.15
1.20
1.20
1.20
1.20
201-450 Vdc 0.80
1.00
1.15
1.30
1.30
1.30
1.30
Load Life:
Shelf Life:
Vibration:
2,000 h @ +85 ºC
∆ Capacitance ±20%
∆ ESR 150% of limit
∆ DCL 100% of limit
500 h @ 85 ºC
∆ Capacitance ±20%
∆ ESR 150% of limit
∆ DCL 100% of limit
10 to 55 Hz; 0.06” and 10 g max, 2 h in each plane
Outline Drawing
RoHS Compliant
+
-


Similar Part No. - WBR40-350A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBR40-350A ETC2-WBR40-350A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
WBR40-350A CDE-WBR40-350A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
More results

Similar Description - WBR40-350A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC2A-T1A GOLLEDGE-CC2A-T1A Datasheet
555Kb / 5P
   High shock & vibration resistance
CC1V-T1A GOLLEDGE-CC1V-T1A Datasheet
556Kb / 5P
   High shock & vibration resistance
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
   High shock and vibration resistance
logo
Golledge Electronics Lt...
MCSO2V GOLLEDGE-MCSO2V Datasheet
550Kb / 4P
   Excellent shock & vibration resistance
MCSOV GOLLEDGE-MCSOV_18 Datasheet
567Kb / 4P
   Excellent shock & vibration resistance
MCSO6 GOLLEDGE-MCSO6 Datasheet
551Kb / 5P
   Excellent shock & vibration resistance
MCSO6FV GOLLEDGE-MCSO6FV Datasheet
551Kb / 4P
   Excellent shock & vibration resistance
MCSO6FW GOLLEDGE-MCSO6FW Datasheet
551Kb / 4P
   Excellent shock & vibration resistance
MCSO6W GOLLEDGE-MCSO6W Datasheet
546Kb / 4P
   Excellent shock & vibration resistance
MCSOFHV GOLLEDGE-MCSOFHV Datasheet
549Kb / 4P
   Excellent shock & vibration resistance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com