Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAC396K020P07-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # TAC396K020P07-F
Description  Molded, Axial Lead, Solid Tantalum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAC396K020P07-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  TAC396K020P07-F Datasheet HTML 1Page - Cornell Dubilier Electronics TAC396K020P07-F Datasheet HTML 2Page - Cornell Dubilier Electronics TAC396K020P07-F Datasheet HTML 3Page - Cornell Dubilier Electronics TAC396K020P07-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type TAC Solid Tantalum Capacitors
Capacitor Outline Drawing
CDE reserves the right to substitute a tighter tolerance, higher voltage capacitor within the same case size.
L
D
d
1.500 ±.125
(38.1 ±3.18)
1.500 ±.125
(38.1 ±3.18)
Ratings
+
Inches (Millimeters)
Case Code
D (Max)
L (Max)
d
1
.095 (2.41) .260 (6.6)
.020 (.51)
2
.110 (2.79) .290 (7.37)
.020 (.51)
5
.180 (4.57) .345 (8.76)
.020 (.51)
6
.180 (4.57) .420 (10.67)
.020 (.51)
7
.280 (7.11) .530 (13.46)
.025 (.64)
8
.300 (7.62) .710 (18.03)
.025 (.64)
Max
Max
Catalog
Case
DCL
DF %
Cap
Part Number
Code @ +25 ºC @ +25 ºC
(µF)
(µA)
120 Hz
6 WVdc @ 85 ºC
4 WVdc @ 125 ºC
3.3
TAC335K006P01-F
1
0.5
4
3.9
TAC395K006P01-F
1
0.5
4
4.7
TAC475K006P01-F
1
0.5
4
5.6
TAC565K006P02-F
2
0.5
4
6.8
TAC685K006P02-F
2
0.5
6
8.2
TAC825K006P02-F
2
0.5
6
10
TAC106K006P02-F
2
0.5
6
12
TAC126K006P02-F
2
0.6
6
15
TAC156K006P02-F
2
0.7
6
18
TAC186K006P05-F
5
0.9
6
22
TAC226K006P05-F
5
1.1
6
27
TAC276K006P05-F
5
1.3
6
33
TAC336K006P05-F
5
1.5
6
39
6
1.9
6
47
TAC396K006P06-F
TAC476K006P06-F
6
2.3
6
56
6
2.7
6
68
6
3.3
6
82
7
3.9
8
100
7
4.8
8
120
TAC566K006P06-F
TAC686K006P06-F
TAC826K006P07-F
TAC107K006P07-F
TAC127K006P07-F
7
5.0
8
150
7
5.0
8
180
7
8.6
8
220
7
10.0
8
270
8
10.0
8
330
TAC157K006P07-F
TAC187K006P07-F
TAC227K006P07-F
TAC277K006P08-F
TAC337K006P08-F
8
10.0
8
10 WVdc @ 85 ºC
7 WVdc @ 125 ºC
2.2
1
0.5
4
2.7
1
0.5
4
3.3
1
0.5
4
3.9
2
0.5
4
4.7
TAC225K010P01-F
TAC275K010P01-F
TAC335K010P01-F
TAC395K010P02-F
TAC475K010P02-F
2
0.5
4
5.6
2
0.5
4
6.8
2
0.5
6
8.2
2
0.7
6
10
2
0.8
6
12
TAC565K010P02-F
TAC685K010P02-F
TAC825K010P02-F
TAC106K010P02-F
TAC126K010P05-F
5
1.0
6
Max
Max
Catalog
Case
DCL
DF %
Cap
Part Number
Code @ +25 ºC @ +25 ºC
(µF)
(µA)
120 Hz
10 WVdc @ 85 ºC
7 WVdc @ 125 ºC
15
5
1.2
6
18
5
1.4
6
22
5
1.5
6
27
6
2.2
6
33
TAC156K010P05-F
TAC186K010P05-F
TAC226K010P05-F
TAC276K010P06-F
TAC336K010P06-F
6
2.6
6
39
6
3.1
6
47
6
3.8
6
56
7
4.4
6
68
7
5.0
6
82
TAC396K010P06-F
TAC476K010P06-F
TAC566K010P07-F
TAC686K010P07-F
TAC826K010P07-F
7
5.0
8
100
TAC107K010P07-F
7
8.0
8
120
TAC127K010P07-F
7
9.6
8
150
TAC157K010P07-F
7
10.0
8
180
TAC187K010P08-F
8
10.0
8
220
TAC227K010P08-F
8
10.0
8
15 WVdc @ 85 ºC
10 WVdc @ 125 ºC
1.5 TAC155K015P01-F
1
0.5
4
1.8 TAC185K015P01-F
1
0.5
4
2.2
1
0.5
4
2.7
2
0.5
4
3.3
TAC225K015P01-F
TAC275K015P02-F
TAC335K015P02-F
2
0.5
4
3.9
2
0.5
4
4.7
2
0.6
4
5.6
2
0.7
4
6.8
2
0.8
6
8.2
TAC395K015P02-F
TAC475K015P02-F
TAC565K015P02-F
TAC685K015P02-F
TAC825K015P05-F
5
1.0
6
10
5
1.2
6
12
5
1.4
6
15
5
1.5
6
18
6
2.2
6
22
TAC106K015P05-F
TAC126K015P05-F
TAC156K015P05-F
TAC186K015P06-F
TAC226K015P06-F
6
2.6
6
27
6
3.2
6
33
6
4.0
6
39
7
4.7
6
47
7
5.0
6
56
TAC276K015P06-F
TAC336K015P06-F
TAC396K015P07-F
TAC476K015P07-F
TAC566K015P07-F
7
6.7
6


Similar Part No. - TAC396K020P07-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC394J006P01 CDE-TAC394J006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TAC394J006P02 CDE-TAC394J006P02 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TAC394J006P05 CDE-TAC394J006P05 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TAC394J006P06 CDE-TAC394J006P06 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TAC394J006P07 CDE-TAC394J006P07 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
More results

Similar Description - TAC396K020P07-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TIM226006P0X CDE-TIM226006P0X Datasheet
196Kb / 4P
   Molded, Radial Lead, Solid Tantalum Capacitors
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Vishay Siliconix
292D VISHAY-292D Datasheet
122Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® Lead Frameless Molded
Revision: 05-Mar-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com