Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAC476K020P07-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # TAC476K020P07-F
Description  Molded, Axial Lead, Solid Tantalum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAC476K020P07-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  TAC476K020P07-F Datasheet HTML 1Page - Cornell Dubilier Electronics TAC476K020P07-F Datasheet HTML 2Page - Cornell Dubilier Electronics TAC476K020P07-F Datasheet HTML 3Page - Cornell Dubilier Electronics TAC476K020P07-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type TAC Solid Tantalum Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Specifications
Molded, Axial Lead, Solid Tantalum Capacitors
TheTypeTAC molded solid tantalum capacitor is great
for putting a lot of capacitance in a small space in a high
temperature application. The TAC is constructed in a
shock and vibration resistant, flame retardant, rugged,
precision molded case that is tapered on one end for
polarity identification and available on tape and reel.
Highlights
Precision Molded
Flame Retardant
Tapered for Polarity Indentification
Highest CV per Case Size
Miniature Sizes
Highly Resistant to Shock and Vibration
Capacitance Range:
Voltage Range:
Tolerance:
Operating Temperature Range:
Reverse Voltage:
Capacitance Change Maximum:
Reel Packaging per EIA- RS-296:
0.10 µF to 330 µF
6 WVdc to 50 WVdc at 85 ºC
±10% Standard (±5% by special order)
–55 ºC to +125 ºC (with proper derating)
15% of rated voltage @ 25 ºC
5% of rated voltage @ 85 ºC
1% of rated voltage @ 125 ºC
–10% @ –55 ºC
+10% @ +85 ºC
+12% @ +125 ºC
Part Numbering System
Case
Code
Quantity
1
4500 per 12" Reel
2
4000 per 12" Reel
5 & 6 2500 per 12" Reel
7 & 8
500 per 12" Reel
TAC
107
K
006
P
0
8
-F
Molded
Case
RoHS
Type
Capacitance
Tolerance
Voltage
Polar
Case
Code
Compliant
TAC
394 = 0.39 µF
J = ±5%
006 = 6 Vdc
P = Polar
0
1
105 = 1.0 µF
K = ±10% 010 = 10 Vdc
2
225 = 2.2 µF
015 = 15 dc
5
186 = 18 µF
020 = 20 Vdc
6
107 = 100 µF
025 = 25 Vdc
7
035 = 35 Vdc
8
050 = 50 Vdc


Similar Part No. - TAC476K020P07-F

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TAC4 EATON-TAC4 Datasheet
359Kb / 1P
   OUTLINE FOR TAC FUSELINKS ( 2 - 32 AMP )
A
More results

Similar Description - TAC476K020P07-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TIM226006P0X CDE-TIM226006P0X Datasheet
196Kb / 4P
   Molded, Radial Lead, Solid Tantalum Capacitors
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Vishay Siliconix
292D VISHAY-292D Datasheet
122Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® Lead Frameless Molded
Revision: 05-Mar-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com