Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OA4ZHA33Q Datasheet(PDF) 4 Page - STMicroelectronics

Part # OA4ZHA33Q
Description  Fitness and healthcare
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA4ZHA33Q Datasheet(HTML) 4 Page - STMicroelectronics

  OA4ZHA33Q Datasheet HTML 1Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 2Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 3Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 4Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 5Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 6Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 7Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 8Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Absolute maximum ratings and operating
conditions
OA1ZHA, OA2ZHA, OA4ZHA
4/35
DocID025994 Rev 2
2
Absolute maximum ratings and operating conditions
Table 1: Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
6
V
Vid
Differential input voltage (2)
±VCC
Vin
Input voltage (3)
(VCC-) - 0.2 to (VCC+) + 0.2
Iin
Input current (4)
10
mA
Tstg
Storage temperature
-65 to 150
°C
Tj
Maximum junction temperature
150
Rthja
Thermal resistance junction-to-ambient (5) (6)
SC70-5
205
°C/W
MiniSO8
190
DFN8 2x2
57
QFN16 3x3
39
ESD
HBM: human body model (7)
OA1ZHA only
4
kV
MM: machine model (8)
300
V
CDM: charged device model
1.5
kV
QFN16 3x3
TBD
Latch-up immunity
200
mA
Notes:
(1)All voltage values, except differential voltage, are with respect to network ground terminal.
(2)The differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
(3)VCC - Vin must not exceed 6 V, Vin must not exceed 6 V.
(4)Input current must be limited by a resistor in series with the inputs.
(5)Rth are typical values.
(6)Short-circuits can cause excessive heating and destructive dissipation.
(7)Human body model: 100 pF discharged through a 1.5 kΩ resistor between two pins of the device, done for all couples of pin
combinations with other pins floating.
(8)Machine model: a 200 pF cap is charged to the specified voltage, then discharged directly between two pins of the device with
no external series resistor (internal resistor < 5
Ω), done for all couples of pin combinations with other pins floating.
Table 2: Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.8 to 5.5
V
Vicm
Common mode input voltage range
(VCC-) - 0.1 to (VCC+) + 0.1
Toper
Operating free air temperature range
-40 to 125
°C


Similar Part No. - OA4ZHA33Q

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA406 ORIONFANS-OA406 Datasheet
540Kb / 1P
   1U High Fan Tray with Redundant Power
OA406 ORIONFANS-OA406 Datasheet
5Mb / 8P
   AC & EC FANS
OA406PS ORIONFANS-OA406PS Datasheet
5Mb / 8P
   AC & EC FANS
logo
List of Unclassifed Man...
OA47 ETC1-OA47 Datasheet
41Kb / 1P
   JEDEC DO-7 PACKAGE
OA47 ETC1-OA47 Datasheet
356Kb / 11P
   GOLD BONDED, GERMANIUM DIODE
More results

Similar Description - OA4ZHA33Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GG25L STMICROELECTRONICS-GG25L Datasheet
586Kb / 28P
   Fitness and healthcare
February 2014 Rev 1
logo
Silicon Laboratories
EFR32MG1X232 SILABS-EFR32MG1X232 Datasheet
1Mb / 80P
   Sports and Fitness
logo
STMicroelectronics
SPBTLE-RF STMICROELECTRONICS-SPBTLE-RF Datasheet
929Kb / 23P
   Fitness, wellness and sports
logo
Shenzhen Huazhimei Semi...
HM4050B HMSEMI-HM4050B Datasheet
957Kb / 12P
   Fitness Accessories
logo
Analog Devices
AD8233 AD-AD8233 Datasheet
772Kb / 30P
   Fitness and activity heart rate monitors
logo
Laird Tech Smart Techno...
S5703BH7SMF LSTD-S5703BH7SMF Datasheet
332Kb / 1P
   Healthcare facilities
logo
Advantech Co., Ltd.
HIT-W101C ADVANTECH-HIT-W101C_V01 Datasheet
605Kb / 4P
   10.1 Healthcare/Hospitality Information Terminal
10-Sep-2021
HIT-W222H ADVANTECH-HIT-W222H Datasheet
671Kb / 2P
   21.5' Healthcare Information Terminal
HIT-507 ADVANTECH-HIT-507 Datasheet
605Kb / 2P
   7" Healthcare Information Terminal
3-Jun-2020
HIT-512 ADVANTECH-HIT-512 Datasheet
797Kb / 4P
   Innovative 11.6" Healthcare Information Terminal
10-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com