Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1V160RL Datasheet(PDF) 5 Page - ON Semiconductor

Part # MKP1V160RL
Description  Sidac High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MKP1V160RL Datasheet(HTML) 5 Page - ON Semiconductor

  MKP1V160RL Datasheet HTML 1Page - ON Semiconductor MKP1V160RL Datasheet HTML 2Page - ON Semiconductor MKP1V160RL Datasheet HTML 3Page - ON Semiconductor MKP1V160RL Datasheet HTML 4Page - ON Semiconductor MKP1V160RL Datasheet HTML 5Page - ON Semiconductor MKP1V160RL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MKP1V120 Series
http://onsemi.com
5
PACKAGE DIMENSIONS
B
D
K
K
F
F
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
4.10
5.20
0.161
0.205
B
2.00
2.70
0.079
0.106
D
0.71
0.86
0.028
0.034
F
−−−
1.27
−−−
0.050
K
25.40
−−−
1.000
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 59−04 OBSOLETE, NEW STANDARD 59−09.
4. 59−03 OBSOLETE, NEW STANDARD 59−10.
5. ALL RULES AND NOTES ASSOCIATED WITH
JEDEC DO−41 OUTLINE SHALL APPLY
6. POLARITY DENOTED BY CATHODE BAND.
7. LEAD DIAMETER NOT CONTROLLED WITHIN F
DIMENSION.
DO−41
PLASTIC AXIAL
(No Polarity)
CASE 059A−01
ISSUE A


Similar Part No. - MKP1V160RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MKP1V160RL ONSEMI-MKP1V160RL Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
October, 2006 ??Rev. 10
MKP1V160RLG ONSEMI-MKP1V160RLG Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
October, 2006 ??Rev. 10
More results

Similar Description - MKP1V160RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MKP3V120 ONSEMI-MKP3V120 Datasheet
86Kb / 8P
   Sidac High Voltage Bidirectional Triggers
May, 2000 ??Rev. 3
MKP9V160 ONSEMI-MKP9V160 Datasheet
139Kb / 5P
   Sidac High Voltage Bidirectional Triggers
February, 2006 ??Rev. 1
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
   Sidac
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
   SIDAC
K1V36 SHINDENGEN-K1V36 Datasheet
419Kb / 10P
   Sidac
K1V5 SHINDENGEN-K1V5 Datasheet
413Kb / 10P
   Sidac
K1V14 SHINDENGEN-K1V14_10 Datasheet
288Kb / 2P
   SIDAC
logo
UN Semiconducctor INC
KXXXXSD1 UNSEMI-KXXXXSD1 Datasheet
2Mb / 5P
   Sidac
Revision March 1,2022
logo
Shindengen Electric Mfg...
K1V5 SHINDENGEN-K1V5_10 Datasheet
291Kb / 2P
   SIDAC
K1VA16 SHINDENGEN-K1VA16 Datasheet
416Kb / 10P
   Sidac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com