Electronic Components Datasheet Search |
|
TDC685035NSF-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics |
|
TDC685035NSF-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics |
1 / 5 page Type TDC Solid Tantalum Capacitors CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Specifications Highlights ♦ Tough plastic case ♦ Low DCL ♦ Low ESR and impedance ♦ Low cost ♦ Temperature stable ♦ UL94VO flammability rating ♦ Resistant to shock and vibration Capacitance Range: Voltage Range: Tolerance: Operating Temperature Range: DC Leakage: Capacitance Change Maximum: Reverse Voltage (Non-continuous): Reel Packaging: 0.10 µF to 330 µF 6 WVdc to 50 WVdc at 85 ºC ±10%, ±20% –55 ºC to +125 ºC (with proper derating) +25 ºC - See ratings limit +85 ºC - 10 x ratings limit +125 ºC - 12.5 x ratings limit –10% @ –55 ºC +10% @ +85 ºC +12% @ +125 ºC 15% of rated voltage @ 25 ºC 5% of rated voltage @ 85 ºC 1% of rated voltage @ 125 ºC As a low cost alternative to molded solid tantalum ca- pacitors, the Type TDC, constructed in a tough, radial dipped flame retardant plastic case, assures the user that it is a top performer with such attributes as low DCL, low ESR, low impedance and a great value with low in-place cost. The Type TDC is high shock and vibration resistant and is available in bulk or on radial Case Quantity Code per Reel E 1,000 F 1,000 G 1,000 Dipped, Radial Leaded, Solid Tantalum Capacitors Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE). |
Similar Part No. - TDC685035NSF-F |
|
Similar Description - TDC685035NSF-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |