Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9643-170EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9643-170EBZ
Description  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9643-170EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9643-170EBZ Datasheet HTML 4Page - Analog Devices AD9643-170EBZ Datasheet HTML 5Page - Analog Devices AD9643-170EBZ Datasheet HTML 6Page - Analog Devices AD9643-170EBZ Datasheet HTML 7Page - Analog Devices AD9643-170EBZ Datasheet HTML 8Page - Analog Devices AD9643-170EBZ Datasheet HTML 9Page - Analog Devices AD9643-170EBZ Datasheet HTML 10Page - Analog Devices AD9643-170EBZ Datasheet HTML 11Page - Analog Devices AD9643-170EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD9643
Data Sheet
Rev. E | Page 8 of 36
SWITCHING SPECIFICATIONS
Table 4.
AD9643-170
AD9643-210
AD9643-250
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
625
625
625
MHz
Conversion Rate1
Full
40
170
40
210
40
250
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
5.8
4.8
4
ns
CLK Pulse Width High (tCH)
Divide-by-1 Mode, DCS Enabled
Full
2.61
2.9
3.19
2.16
2.4
2.64
1.8
2.0
2.2
ns
Divide-by-1 Mode, DCS Disabled
Full
2.76
2.9
3.05
2.28
2.4
2.52
1.9
2.0
2.1
ns
Divide-by-2 Mode Through
Divide-by-8 Mode
Full
0.8
0.8
0.8
ns
Aperture Delay (tA)
Full
1.0
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
0.1
0.1
ps rms
DATA OUTPUT PARAMETERS
LVDS Mode
Data Propagation Delay (tPD)
Full
6.0
6.0
6.0
ns
DCO Propagation Delay (tDCO)
Full
6.7
6.7
6.7
ns
DCO-to-Data Skew (tSKEW)
Full
0.4
0.7
1.0
0.4
0.7
1.0
0.4
0.7
1.0
ns
Pipeline Delay (Latency)
Full
10
10
10
Cycles
Aperture Delay (tA)
Full
1.0
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
0.1
0.1
ps rms
Wake-Up Time (from Standby)
Full
10
10
10
µs
Wake-Up Time (from Power-Down)
Full
250
250
250
µs
Out-of-Range Recovery Time
Full
3
3
3
Cycles
1
Conversion rate is the clock rate after the divider.


Similar Part No. - AD9643-170EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9643-170EBZ AD-AD9643-170EBZ Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results

Similar Description - AD9643-170EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com