Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC474050NSE-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # TDC474050NSE-F
Description  Dipped, Radial Leaded, Solid Tantalum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TDC474050NSE-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  TDC474050NSE-F Datasheet HTML 1Page - Cornell Dubilier Electronics TDC474050NSE-F Datasheet HTML 2Page - Cornell Dubilier Electronics TDC474050NSE-F Datasheet HTML 3Page - Cornell Dubilier Electronics TDC474050NSE-F Datasheet HTML 4Page - Cornell Dubilier Electronics TDC474050NSE-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type TDC Solid Tantalum Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 •
www.cde.com
Specifications
Highlights
Tough plastic case
Low DCL
Low ESR and impedance
Low cost
Temperature stable
UL94VO flammability rating
Resistant to shock and vibration
Capacitance Range:
Voltage Range:
Tolerance:
Operating Temperature Range:
DC Leakage:
Capacitance Change Maximum:
Reverse Voltage (Non-continuous):
Reel Packaging:
0.10 µF to 330 µF
6 WVdc to 50 WVdc at 85 ºC
±10%, ±20%
–55 ºC to +125 ºC (with proper derating)
+25 ºC - See ratings limit
+85 ºC - 10 x ratings limit
+125 ºC - 12.5 x ratings limit
–10% @ –55 ºC
+10% @ +85 ºC
+12% @ +125 ºC
15% of rated voltage @ 25 ºC
5% of rated voltage @ 85 ºC
1% of rated voltage @ 125 ºC
As a low cost alternative to molded solid tantalum ca-
pacitors, the Type TDC, constructed in a tough, radial
dipped flame retardant plastic case, assures the user
that it is a top performer with such attributes as low
DCL, low ESR, low impedance and a great value with
low in-place cost. The Type TDC is high shock and
vibration resistant and is available in bulk or on radial
Case
Quantity
Code
per Reel
E
1,000
F
1,000
G
1,000
Dipped, Radial Leaded, Solid Tantalum Capacitors
Complies with the EU Directive 2002/95/EC
requirement restricting the use of Lead (Pb), Mercury
(Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB) and PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - TDC474050NSE-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TDC474050NSE-F CDE-TDC474050NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
More results

Similar Description - TDC474050NSE-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
logo
MERITEK ELECTRONICS COR...
DT MERITEK-DT Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
DT100M0161 MERITEK-DT100M0161 Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
logo
RFE international
CB105M1ABR5 RFE-CB105M1ABR5 Datasheet
514Kb / 2P
   LEADED TANTALUM CAPACITOR CB Series: Resin Dipped, Radial Leaded
2020.02.25
logo
AVX Corporation
TAP107K020CRW AVX-TAP107K020CRW Datasheet
141Kb / 4P
   SOLID TANTALUM RESIN DIPPED CAPACITORS
logo
NIC-Components Corp.
NDTM NIC-NDTM Datasheet
214Kb / 3P
   Resin Dipped, Solid Tantalum Capacitors
logo
Cornell Dubilier Electr...
CM05ED430JO3 CDE-CM05ED430JO3 Datasheet
209Kb / 1P
   Radial-Leaded Dipped Mica Capacitors
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com